AI

The **W2TS-3B2-R/K** is a specific model within the series of high-precision, waterproof tactile switches, commonly manufactured by electronic component specialists like **Diptronics** or similar industrial switch suppliers.
Below is a detailed breakdown of its electronic and mechanical characteristics.
---
## 1. Technical Specifications
The part number indicates a specific configuration regarding terminal style, actuation force, and packaging.
| Feature | Specification (Typical for W2TS series) |
| :--- | :--- |
| **Switch Type** | Tactile Switch (Momentary) |
| **Contact Arrangement** | SPST (Single Pole, Single Throw) |
| **Circuitry** | Normally Open (NO) |
| **Current Rating** | 50mA |
| **Voltage Rating** | 12V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Contact Resistance** | 100mΩ Max |
| **Insulation Resistance** | 100MΩ Min at 500V DC |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Key Part Number Breakdown
While manufacturer codes vary slightly, the "W2TS" series generally follows this logic:
* **W2TS:** **Waterproof** Tactile Switch (typically IP67 rated).
* **3B2:** Represents the physical dimensions (3.0mm x 2.0mm or 3.9mm x 2.9mm depending on the sub-series) and the stem height.
* **R:** Refers to the **Actuation Force**. In this series, 'R' usually denotes a standard force (e.g., 160gf or 240gf).
* **K:** Refers to the **Stem/Button Color** (often Black) or specific plating/material requirements.
---
## 3. Physical & Mechanical Properties
These switches are designed for compact electronic devices where space and environmental protection are critical.
### Features
1. **IP67 Rating:** The "W" prefix indicates the switch is sealed against dust and immersion in water (up to 1m for 30 minutes).
2. **SMD/SMT Mounting:** The "3B2" configuration is designed for Surface Mount Technology, allowing for automated pick-and-place assembly.
3. **Haptic Feedback:** Provides a distinct "click" sensation, which is essential for user confirmation in small interfaces.
4. **Long Life Cycle:** Typically rated for 100,000 to 500,000 cycles depending on the specific actuation force.
---
## 4. Typical Applications
Due to its small footprint and waterproof nature, this component is found in:
* **Wearables:** Smartwatches and fitness trackers.
* **Mobile Devices:** Smartphones (power/volume buttons).
* **Medical Electronics:** Handheld diagnostic tools that require sterilization or cleaning.
* **IoT Sensors:** Outdoor or industrial monitoring devices.
---
- ⤷
What is the exact actuation force in grams for the 'R' variant?
- ⤷ Is the W2TS-3B2-R/K compatible with lead-free reflow soldering processes?
- ⤷ Does this switch come in Tape and Reel packaging for automated assembly?