W2TS-421-R2/K
AI

The **W2TS-421-R2/K** is a high-precision, industrial-grade **Temperature Transmitter/Signal Conditioner** typically used in automation and process control systems. It is designed to convert signals from temperature sensors (like RTDs or Thermocouples) into a standardized electrical output (like 4-20mA or 0-10V).
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Input Type** | Multi-input (RTD: Pt100, Pt1000; Thermocouples: K, J, T, E, etc.) |
| **Output Type** | Analog DC (Current: 4-20mA; Voltage: 0-10V, 1-5V) |
| **Power Supply** | Typically 24V DC (Range: 18V to 30V DC) |
| **Mounting** | DIN Rail Mounting (Standard 35mm) |
| **Accuracy** | ±0.1% of span (typical for modern R2/K variants) |
| **Isolation** | 3-way isolation (Input / Output / Power) |
---
### 2. Main Electronic Components & Functionality
The internal architecture of the W2TS-421-R2/K consists of several critical electronic stages:
#### A. Input Signal Conditioning
* **A/D Converter:** Converts the low-voltage millivolt signal from a thermocouple or the resistance change from an RTD into a digital value.
* **Cold Junction Compensation (CJC):** For thermocouple inputs, the unit includes an internal thermistor to compensate for ambient temperature changes at the connection terminals.
#### B. Galvanic Isolation (The "3-Way" System)
* **Optocouplers/Transformers:** These parts ensure that electrical noise or surges on the input side do not damage the PLC (Output side) or the Power Supply. This prevents "ground loops," which are common in industrial environments.
#### C. Microprocessor Control
* **CPU/MCU:** Manages the linearization of the sensor data. Since RTDs and Thermocouples are not perfectly linear, the processor uses lookup tables to ensure the output is exactly proportional to the temperature.
#### D. Output Stage
* **D/A Converter:** Converts the processed digital signal back into an analog current loop (4-20mA) or voltage.
* **Protection Circuitry:** Includes TVS (Transient Voltage Suppressor) diodes to protect against EMI and RFI interference.
---
### 3. Application Use Cases
1. **Long-Distance Transmission:** Converting a weak sensor signal to 4-20mA allows the signal to travel hundreds of meters without losing accuracy due to wire resistance.
2. **System Protection:** Acts as a barrier between sensitive PLC inputs and harsh field environments.
3. **Standardization:** Allows a variety of different sensor types to be read by a single type of analog input card on a controller.
---
- ⤷
What are the specific wiring pinouts for the W2TS-421-R2/K?
- ⤷ How do I calibrate the zero and span on this specific model?
- ⤷ What is the difference between the R2 and the K suffixes in this part number?