AI

The **W2TS-4AA-R2/K** refers to a high-precision, digital thermocouple transmitter (often associated with manufacturers like M-System or similar industrial automation brands). This device is designed to convert temperature signals from a thermocouple into a digital or standardized analog output for industrial control systems.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic characteristics of this specific series:
| Parameter | Specification |
| :--- | :--- |
| **Input Type** | Thermocouple (Types K, E, J, T, B, R, S, C) |
| **Output Type** | RS-485 (Modbus-RTU) / Digital |
| **Power Input** | 24V DC (typical) |
| **Accuracy** | ±0.1% of span (depending on sensor type) |
| **Isolation** | Input to output to power (3-way isolation) |
| **Sampling Rate** | 100ms to 500ms (adjustable) |
---
### 2. Electronic Component Breakdown
The internal circuitry of the W2TS-4AA-R2/K consists of several critical stages:
#### A. Input Conditioning (The "Front End")
* **Cold Junction Compensation (CJC):** Since thermocouples measure temperature differences, an onboard thermistor measures the terminal temperature to calculate the absolute temperature.
* **Burnout Detection:** A small current is passed through the circuit to detect if the thermocouple wire has broken.
#### B. Analog-to-Digital Conversion (ADC)
* The micro-voltage generated by the thermocouple (mV) is extremely small. A high-resolution **24-bit Sigma-Delta ADC** is typically used to ensure the signal is digitized without losing precision.
#### C. Microcontroller & Isolation
* **MCU:** Processes the raw digital data, applies linearization tables (to correct the non-linear voltage curve of the Type K thermocouple), and manages communication protocols.
* **Galvanic Isolation:** Uses optocouplers or magnetic isolators to prevent electrical noise from the industrial environment from damaging the PLC or controller.
#### D. Communication Interface (R2/K Suffix)
* **RS-485 Modbus:** The "R2" usually signifies the communication hardware. It allows multiple units to be daisy-chained on a single pair of wires, reducing cabling costs compared to traditional 4-20mA loops.
---
### 3. Wiring Diagram (Logical Representation)
```mermaid
graph LR
A[Thermocouple Type K] -->|mV Signal| B(W2TS Transmitter)
B -->|RS-485 Modbus| C[PLC / SCADA System]
D[24V DC Power] --> B
```
---
### 4. Application Use Case
This part is specifically utilized in environments where **high density** and **noise immunity** are required, such as:
* Heat treatment furnaces.
* Chemical processing plants.
* Data logging for remote temperature monitoring via Modbus.
---
- ⤷
How do I configure the Modbus address for the W2TS-4AA-R2/K?
- ⤷ What is the difference between the R2 and the standard analog output models?
- ⤷ Does this unit support Cold Junction Compensation (CJC) internally?