W2TS-4B2-R2/CE
AI

The **W2TS-4B2-R2/CE** is a specific part number associated with a **terminal block relay module**, typically manufactured by companies like **Walsin** or used in industrial automation systems (often compatible with PLC interfaces).
Below is a detailed breakdown of its electronic components and specifications.
---
### 1. Component Overview
This device is an interface module that bridges low-power control signals (from a PLC or microcontroller) to high-power loads. It typically houses 4 channels of electromagnetic relays.
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Number of Channels** | 4 Channels (4B) |
| **Input Voltage** | Typically 24V DC (Standard for Industrial PLC) |
| **Output Type** | Relay Contact (Mechanical) |
| **Contact Configuration** | 1 Form C (SPDT) or 1 Form A (SPST) per channel |
| **Switching Capacity** | Usually 5A to 10A at 250V AC / 30V DC |
| **Mounting Type** | DIN Rail (35mm) |
| **Wiring Method** | Screw Terminal |
---
### 3. Electronic Parts Breakdown
#### A. Electromagnetic Relays
The core component. These are the physical switches that open and close the circuit.
* **Coil Side:** Receives the trigger signal.
* **Contact Side:** Handles the load current.
#### B. Protection Circuitry (Flyback Diodes)
Each relay channel includes a **Freewheeling Diode** (Flyback diode) connected across the coil.
* **Function:** It prevents high-voltage spikes (back EMF) from damaging the driving transistor or PLC output when the relay is de-energized.
#### C. Status Indicators (LEDs)
* **Type:** Surface Mount (SMD) LEDs.
* **Function:** Provides visual confirmation of which channel is active (High/Logic 1).
#### D. Terminal Blocks
* **Material:** Often high-grade polyamide with brass or steel screw clamps.
* **Layout:** Separated into Input (Signal/Common) and Output (Normally Open/Normally Closed/Common).
---
### 4. Part Number Decoder (Typical)
* **W2TS:** Series designation (Interface/Relay Terminal).
* **4B:** Denotes **4 Channels/Bits**.
* **2:** Often refers to the specific relay voltage (e.g., 24V).
* **R2:** Revision or specific relay manufacturer code (e.g., Omron or Takamisawa relays inside).
* **CE:** Compliance with European Safety Standards (Conformité Européenne).
---
### 5. Wiring Schematic Concept
```text
[ PLC Output ] ----> [ Terminal Input (+) ] ----> [ Relay Coil ] ----> [ Terminal Input (-) ]
|
[ Flyback Diode ]
|
[ Load Power ] ----> [ Common (COM) ] --/ -- [ Normally Open (NO) ] ----> [ Load ]
```
- ⤷
What are the specific wiring differences between NPN and PNP versions of this module?
- ⤷ Can the relay units inside the W2TS-4B2-R2/CE be replaced individually?
- ⤷ What is the maximum switching frequency for this specific relay model?