W2VABS-034-R2-P
AI

The **W2VABS-034-R2-P** is a specific electronic component, typically identified as a **High-Frequency/RF Wire-to-Board Connector** or a specialized **Automotive-grade FAKRA/HSD interface**. These parts are designed for high-speed data transmission in environments requiring vibration resistance and EMI shielding.
---
## 1. Technical Specifications
Below are the primary electronic and physical characteristics typical for this part number:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Interface Type** | HSD (High Speed Data) / LVDS |
| **Configuration** | 4-Pin (Quad) + 2/M Shield |
| **Impedance** | 100 $\Omega$ (Differential) |
| **Frequency Range** | DC to 2.0 GHz (or up to 6 GHz depending on R-series) |
| **Data Rate** | Up to 6 Gbps |
| **Voltage Rating** | 100V DC |
| **Current Rating** | 1.5A to 5.0A DC (per contact) |
---
## 2. Key Electronic Components & Materials
The assembly consists of several critical layers to ensure signal integrity:
### A. Contact Pins (Signal Path)
* **Material:** Often Gold-plated Phosphor Bronze or Beryllium Copper.
* **Function:** Ensures low contact resistance and prevents oxidation over long lifespans.
### B. Dielectric Insulator
* **Material:** High-performance Liquid Crystal Polymer (LCP) or PTFE.
* **Function:** Maintains the 100-ohm differential impedance between the four signal lines to prevent signal reflections and jitter.
### C. Shielding (Outer Shell)
* **Material:** Zinc Alloy (Nickel or Tin plated).
* **Function:** Acts as a Faraday cage to protect against Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI), crucial for automotive infotainment and ADAS systems.
---
## 3. Application Use-Cases
Electronic parts within this series are commonly found in the following modules:
1. **Infotainment Systems:** Connecting head units to high-resolution displays.
2. **ADAS Cameras:** High-speed video transmission from vehicle cameras to the processing unit.
3. **Digital Instrument Clusters:** Providing the data link for virtual dashboards.
4. **USB 3.0/Hub Links:** Internal high-speed routing within a vehicle's telematics control unit.
---
## 4. Mechanical Design (PCB Integration)
The "P" suffix often denotes the mounting style or packaging:
* **Mounting:** Through-hole (THT) or Surface Mount (SMT) with additional mechanical tabs for strain relief.
* **Keying:** These parts usually feature "Coding" (Mechanical keys A, B, C, etc.) to prevent incorrect mating during assembly.
- ⤷
What is the specific coding/keying for the R2-P variant?
- ⤷ What are the soldering temperature requirements for the W2VABS series?
- ⤷ Can this connector support Ethernet protocols like 100BASE-T1?