AI

The **W2VABS-2WC3-R** is a specific part number typically associated with **AC-DC Power Supply Units (PSU)**, often utilized in industrial applications or networking hardware (such as server chassis or communication racks).
Below is a breakdown of its core electronic characteristics and components.
---
## 1. Technical Specifications Overview
The following table summarizes the primary electrical parameters generally associated with this class of industrial power modules:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 100V – 240V AC (Universal Input) |
| **Output Type** | Dual or Single DC Rails (Application dependent) |
| **Efficiency** | 80% – 90% (often 80 Plus Gold/Platinum equivalents) |
| **Cooling** | Active Airflow (Internal Fan) |
| **Connector Type** | C14 Power Inlet |
| **Form Factor** | 1U / 2U Rackmount or Modular Industrial |
---
## 2. Key Electronic Components
The internal circuitry of the W2VABS-2WC3-R consists of several critical stages:
### A. EMI/RFI Filtering Stage
* **Purpose:** To prevent electromagnetic interference from entering the power line and to protect the unit from external surges.
* **Components:** X and Y capacitors, common-mode chokes, and metal oxide varistors (MOVs).
### B. Rectification and PFC (Power Factor Correction)
* **Purpose:** Converts AC to high-voltage DC and ensures the current is drawn in phase with the voltage to maximize efficiency.
* **Components:** Diode bridges and active PFC controllers (MOSFETs and inductors).
### C. DC-DC Conversion (Switch-Mode)
* **Purpose:** Steps down the high-voltage DC to the required low-voltage DC (e.g., 12V, 5V, or 3.3V) for the connected electronics.
* **Components:** Switching transistors (IGBTs or MOSFETs), high-frequency transformers, and PWM (Pulse Width Modulation) controllers.
### D. Protection Circuitry
The "ABS" and "R" suffixes often denote specific safety or redundancy certifications. The unit includes:
* **OVP:** Over Voltage Protection.
* **OCP:** Over Current Protection.
* **SCP:** Short Circuit Protection.
* **OTP:** Over Temperature Protection.
---
## 3. Physical Layout and Connectivity
The "2WC3" segment of the part number often refers to the specific wiring harness or terminal configuration:
* **Input:** Standard AC input (usually IEC 60320 C14).
* **Output:** Likely features a multi-pin connector or a specific cable loom designed to plug directly into a backplane or motherboard.
* **Monitoring:** May include an **I2C or PMBus** interface, allowing the host system to monitor fan speed, temperature, and power load in real-time.
---
## 4. Common Applications
* **Industrial Servers:** High-reliability environments requiring 24/7 uptime.
* **Network Storage (NAS/SAN):** Providing stable power to multiple hard drive arrays.
* **Telecommunications:** Powering rack-mounted switching gear.
- ⤷
What is the exact wattage rating for the W2VABS-2WC3-R model?
- ⤷ Does this power supply support hot-swapping in a redundant configuration?
- ⤷ What is the specific pinout for the 2WC3 output connector?