W2VABS-3WD2-R2-P
AI

The **W2VABS-3WD2-R2-P** appears to be a specialized part number typically associated with automotive sensor components, specifically related to **Wheel Speed Sensors (ABS Sensors)** or associated wiring harnesses used in vehicle braking systems.
Below is a breakdown of the electronic and mechanical characteristics common to this class of components.
### 1. Component Overview
This part is a **Passive or Active Wheel Speed Sensor** assembly. Its primary function is to monitor the rotational speed of the vehicle's wheels and transmit this data to the Engine Control Unit (ECU) or ABS Module.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Sensor Type** | Hall Effect (Active) or Magneto-resistive |
| **Operating Voltage** | 4.5V to 20V DC |
| **Output Signal** | Square wave (Digital) or Current Modulation |
| **Connection Type** | 2-pin or 3-pin waterproof connector |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Key Electronic Parts & Functionality
The assembly consists of several critical electronic sub-components:
#### A. The Sensing Element (Transducer)
* **Hall Effect Sensor:** Uses a semiconductor integrated circuit (IC) to detect changes in magnetic flux as a "tone ring" (toothed wheel) spins past it.
* **Signal Processing:** The internal IC converts the raw analog magnetic field changes into a clean digital pulse.
#### B. The Wiring Harness (3WD/R2 Designation)
* **Shielded Cabling:** To prevent Electromagnetic Interference (EMI) from the vehicle's ignition or alternator affecting the low-voltage signal.
* **Twisted Pair Construction:** Often used to cancel out noise.
#### C. Protection Circuitry
* **TVS Diodes:** Often integrated to protect the sensor from voltage spikes (load dumps) common in automotive electrical systems.
* **Reverse Polarity Protection:** Prevents damage if the sensor is wired incorrectly during maintenance.
---
### 3. Pinout Configuration (Generic)
While specific pinouts vary by manufacturer, the standard configuration for a "3WD" (3-Wire Design) sensor is:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **VCC** | Power supply from the ABS Module |
| 2 | **GND** | Ground reference |
| 3 | **SIG** | Output signal (Frequency proportional to speed) |
---
### 4. Application Logic
The sensor works on the principle of **magnetic induction**. As the wheel rotates, the metallic teeth of the reluctor ring pass the sensor tip:
1. **High State:** Tooth is in front of the sensor (Max magnetic flux).
2. **Low State:** Gap is in front of the sensor (Min magnetic flux).
3. **Result:** The ECU calculates vehicle speed by measuring the frequency ($f$) of these pulses.
- ⤷
How do I test the resistance of this sensor using a multimeter?
- ⤷ What are the common failure symptoms for the W2VABS series?
- ⤷ Is this sensor compatible with Hall Effect or VR (Variable Reluctance) systems?