Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2VABS-FWA4-R

  • AI
    The **W2VABS-FWA4-R** is a specific part number typically associated with the **Molex** or **Woodhead** brand of industrial connectivity solutions. It belongs to the **Brad HarshIO** or **Brad Ultra-Lock** families, designed for high-performance data communication in harsh industrial environments. Below is a breakdown of its electronic and physical characteristics: ### 1. Product Overview The part is an **Ethernet/IP I/O Module** or a specialized **Fieldbus Adapter/Connector**. These components are used to bridge sensors and actuators on a factory floor to a centralized PLC (Programmable Logic Controller). --- ### 2. Key Specifications | Feature | Description | | :--- | :--- | | **Protocol** | Likely EtherNet/IP or PROFINET (depending on firmware) | | **Connector Type** | M12 (Ultra-Lock) or M23 interface | | **Housing Material** | PBT (Polybutylene Terephthalate) or Nickel-plated Brass | | **IP Rating** | IP67 (Dust tight and protected against water immersion) | | **Mounting** | Machine-mount (removes the need for a control cabinet) | | **Electronic Protection** | Built-in short circuit and overload protection | --- ### 3. Electronic Architecture The internal circuitry of this series generally includes: * **ASIC/Microcontroller:** Handles the conversion of physical digital/analog signals into high-speed Ethernet packets. * **LED Diagnostics:** Features "Module Status" (MS) and "Network Status" (NS) LEDs for real-time troubleshooting. * **Isolation:** Galvanic isolation between the logic power and the field power to prevent surges from damaging the PLC. * **Rotary Switches:** Often includes physical switches to set the IP address or Node ID manually. --- ### 4. Application Areas * **Robotic Cells:** Used on robot arms where vibration resistance is critical. * **Automotive Assembly:** Connecting inductive sensors and valves to a main bus. * **Food & Beverage:** Designed to withstand washdown procedures. --- ### 5. Part Number Decoding (General) While specific to the manufacturer's internal catalog, the suffixing usually indicates: * **W2V:** Series identifier (Brad HarshIO). * **FWA4:** 4-port or 4-channel configuration. * **R:** Denotes the revision or "Right Angle" orientation for space-constrained installs.
    ✨ Follow-up Questions
    • ⤷ Does this module support both digital and analog input/output signals?
    • ⤷ What is the specific wiring pinout for the M12 connector on this model?
    • ⤷ How do I configure the IP address for the W2VABS series via software?