W2VS-111-R2
AI

The **W2VS-111-R2** is a high-performance **Signal Conditioner (Transmitter)** belonging to the W2-Series manufactured by M-System. It is specifically a **Potentiometer Transmitter**, designed to convert a potentiometer resistance change into a standard linear DC output signal.
---
### 1. Core Technical Specifications
The "111-R2" suffix in the model name defines its specific electronic configuration:
| Component | Specification |
| :--- | :--- |
| **Input** | Potentiometer (100 $\Omega$ to 10 k$\Omega$) |
| **Output 1** | 4 – 20 mA DC (Load resistance $\leq$ 750 $\Omega$) |
| **Output 2** | 1 – 5 V DC (Load resistance $\geq$ 2500 $\Omega$) |
| **Power Input** | 24V DC (Operational range 24V $\pm$ 10%) |
| **Isolation** | 3-way (Input to Output to Power) |
---
### 2. Key Electronic Components & Features
#### A. Dual Output Functionality
Unlike standard transmitters, the "W2" series provides **dual independent outputs**. This allows you to send the signal to two different devices (e.g., a local display and a remote PLC) simultaneously without signal interference.
#### B. 3-Way Isolation
The internal circuitry provides galvanic isolation between:
1. **The Input Circuit** (Potentiometer)
2. **The Output Circuit** (Current/Voltage loops)
3. **The Power Supply**
*This prevents ground loops and protects sensitive control equipment from electrical surges.*
#### C. Signal Conditioning Circuitry
* **Excitation Voltage:** The device applies a regulated voltage to the potentiometer.
* **Linearization:** It ensures that the mechanical rotation of the potentiometer corresponds linearly to the DC output.
* **Adjustments:** The front panel typically features **Zero** and **Span** adjustments (trimmer potentiometers) to calibrate the 0% and 100% points.
---
### 3. Wiring Diagram (Logic)
The unit typically uses a socket-mounted base for easy installation.
```text
[ Potentiometer ] [ W2VS-111-R2 ] [ Receivers ]
(Terminal) (Conditioning) (Control)
CW <----------------> Input High
Wiper <----------------> Input Signal ------> Output 1 (4-20mA)
CCW <----------------> Input Low ------> Output 2 (1-5V)
^
|
[ 24V DC Power ]
```
---
### 4. Application Use Case
This part is commonly used in industrial automation for **Position Sensing**.
* **Example:** A valve actuator uses a potentiometer to indicate how open it is. The W2VS-111-R2 converts that resistance value into a 4-20mA signal that a PLC can read to determine the valve's exact percentage of travel.
---
- ⤷
How do I calibrate the Zero and Span on the W2VS-111-R2?
- ⤷ What is the dielectric strength for the 3-way isolation in this model?
- ⤷ Can this unit be DIN-rail mounted?