W2VS-11B-R2
AI

The **W2VS-11B-R2** is a high-performance, chassis-mount **AC power line filter** manufactured by **Cosel**. It is designed to suppress electromagnetic interference (EMI) and noise in electrical systems.
---
## 1. Key Specifications
The following table highlights the primary electrical characteristics of the W2VS-11B-R2:
| Parameter | Specification |
| :--- | :--- |
| **Rated Voltage** | 250 VAC |
| **Rated Current** | 10 Amperes |
| **Phase** | Single Phase |
| **Leakage Current** | 0.5 mA max (at 250V / 60Hz) |
| **Test Voltage** | 2,000 VAC (1 minute, cut-off current 20mA) |
| **Operating Temp** | -25°C to +85°C |
| **Terminal Type** | Faston® (Tab terminals) |
---
## 2. Internal Electronic Components
The "W2VS" series typically utilizes a **Two-Stage** circuit design, which provides superior attenuation compared to single-stage filters. The internal circuitry includes:
### A. Common Mode Chokes
* **Function:** High-inductance coils wound on a single core.
* **Purpose:** Blocks common-mode noise (noise flowing in the same direction on both lines) while allowing the power current to pass.
### B. X-Capacitors (Line-to-Line)
* **Function:** Connected across the phase and neutral lines.
* **Purpose:** Suppresses differential-mode noise (noise occurring between the lines).
### C. Y-Capacitors (Line-to-Ground)
* **Function:** Connected from each line to the chassis ground.
* **Purpose:** Diverts high-frequency common-mode noise to the ground. These are safety-rated to ensure they do not create a shock hazard if they fail.
### D. Discharge Resistor
* **Function:** Bleeder resistor connected across the input.
* **Purpose:** Ensures that the capacitors are discharged to a safe voltage level shortly after the power is disconnected.
---
## 3. Physical & Mechanical Features
* **Casing:** Metallic shield which acts as a Farady cage to prevent the filter itself from radiating or receiving EMI.
* **Mounting:** Designed for screw-down chassis mounting to ensure a solid low-impedance ground connection.
* **Terminals:** Usually features spade/tab terminals (Faston #250) for quick wiring.
---
## 4. Typical Applications
The W2VS-11B-R2 is commonly found in:
1. **Industrial Automation:** Protecting PLCs and sensitive sensors from grid noise.
2. **Medical Equipment:** Reducing interference to sensitive diagnostic tools.
3. **Communication Systems:** Ensuring clean power for servers and networking hardware.
4. **Measuring Instruments:** Preventing power line fluctuations from affecting precision readings.
- ⤷
What is the difference between single-stage and two-stage EMI filters like the W2VS series?
- ⤷ How do I calculate if the 0.5 mA leakage current is safe for my application?
- ⤷ What are the specific dimensions and mounting hole patterns for the W2VS-11B-R2?