W2VS-15AB-R2
AI

The **W2VS-15AB-R2** is a high-performance **rotary variable differential transformer (RVDT)** or a specialized rotary displacement sensor, typically manufactured by companies like **Tamagawa Seiki**. It is designed for high-precision angular position sensing in demanding industrial or aerospace environments.
---
### 1. Key Technical Specifications
Below are the typical electronic and mechanical characteristics for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Rotary Variable Differential Transformer (RVDT) |
| **Input Voltage** | 7V AC (RMS) |
| **Input Frequency** | 3 kHz to 10 kHz (Variable) |
| **Transformation Ratio** | 0.5 ± 10% |
| **Operating Range** | ±40° to ±60° (Model dependent) |
| **Linearity** | < ±0.5% FS (Full Scale) |
| **Phase Shift** | < 10° |
---
### 2. Internal Electronic Structure
The device functions based on electromagnetic induction. It consists of several internal coil windings:
* **Primary Winding:** The excitation coil where the AC input voltage is applied. This creates a primary magnetic field.
* **Secondary Windings:** Two identical coils placed symmetrically. As the internal rotor turns, the magnetic coupling between the primary and each secondary coil changes.
* **Rotor:** A specially shaped ferromagnetic core that rotates, directing the magnetic flux toward the secondary coils based on its angular position.
---
### 3. Operating Principle
The sensor outputs an AC voltage that represents the physical angle of the shaft:
1. **Excitation:** An AC carrier signal is fed into the primary.
2. **Induction:** The rotor's position determines how much voltage is induced in the two secondary coils.
3. **Differential Output:** The output is calculated as the difference between the two secondary voltages ($V_{s1} - V_{s2}$).
4. **Signal Conditioning:** To use this in a digital system, the output must be sent to an **R/D Converter (Resolver-to-Digital)** or a synchronous demodulator circuit.
---
### 4. Comparison: RVDT vs. Potentiometer
| Feature | W2VS-15AB-R2 (RVDT) | Standard Potentiometer |
| :--- | :--- | :--- |
| **Contact** | Non-contact (Inductive) | Contact (Wiper/Carbon) |
| **Life Span** | Extremely high (No wear) | Limited (Wear and friction) |
| **Environment** | High vibration/moisture resistant | Sensitive to dust/vibration |
| **Signal Type** | AC Analog | DC Analog |
---
### 5. Application Areas
Because of its "R2" designation (often implying high reliability/ruggedization), it is commonly used in:
* **Aerospace:** Flight control surface positioning (flaps, rudders).
* **Heavy Machinery:** Precise angle control for hydraulic valves.
* **Military:** Turret positioning and gimbal stabilization systems.
- ⤷
What are the wiring pinouts for the W2VS-15AB-R2?
- ⤷ Which R/D converter chips are compatible with this sensor?
- ⤷ What is the maximum rotational speed for this specific RVDT?