W2VS-162A-R2
AI

The **W2VS-162A-R2** is a specialized high-speed electronic connector, typically part of a vertical stacking or mezzanine system used in telecommunications, servers, and high-end industrial computing. It is designed to facilitate high-density board-to-board connections.
### 1. General Specifications
The following table outlines the technical characteristics of the W2VS-162A-R2:
| Feature | Specification |
| :--- | :--- |
| **Contact Quantity** | 162 Pins |
| **Connector Type** | Board-to-Board (Plug/Receptacle) |
| **Orientation** | Vertical (Straight) |
| **Mounting Type** | Surface Mount (SMT) |
| **Pitch** | Typically 0.5mm or 0.8mm (Model dependent) |
| **Plating** | Gold (Au) on contact area for high conductivity |
---
### 2. Key Electronic Components & Materials
The connector is composed of several critical layers and parts that ensure signal integrity:
* **Housing (Insulator):** Made of High-Temperature Thermoplastic (LCP - Liquid Crystal Polymer). This allows the part to withstand lead-free reflow soldering temperatures.
* **Contact Pins:** Phosphor Bronze or Copper Alloy. These materials are chosen for their balance between electrical conductivity and mechanical elasticity.
* **Solder Tabs:** Located at the ends of the connector to provide mechanical strain relief to the PCB, ensuring the Solder Joints do not crack under vibration.
* **Shielding:** Some versions of the R2 series include integrated metallic shielding to minimize Electromagnetic Interference (EMI) in high-speed data transmission.
---
### 3. Application Use Cases
Because of the high pin count (162) and compact footprint, this part is commonly found in:
1. **Network Switches:** Connecting main logic boards to daughter cards.
2. **Medical Imaging:** High-speed data transfer between sensor arrays and processing units.
3. **Industrial Automation:** Modular PLC systems where space is at a premium.
---
### 4. Integration Example (Footprint Reference)
When designing a PCB for this part, the CAD software usually defines the landing pattern as follows:
```markdown
# Footprint Recommendation
- Pad Width: 0.25mm - 0.30mm
- Pad Length: 1.20mm (varies by land pattern)
- Solder Paste Stencil Thickness: 0.12mm
- Keep-out Zone: 2mm perimeter for automated pick-and-place nozzle clearance.
```
- ⤷
What is the maximum data transfer rate supported by the W2VS series?
- ⤷ Is the W2VS-162A-R2 compatible with lead-free reflow soldering?
- ⤷ Are there specific mating height options available for this connector?