W2VS-162B-R2/N
AI

The **W2VS-162B-R2/N** is a specialized electronic component primarily used in industrial and telecommunications equipment. It belongs to a category of high-reliability connector systems, often associated with high-speed data transmission or modular power delivery.
---
### 1. Component Overview
The part is typically identified as a **high-density, vertical header or connector assembly**. In the context of electronic hardware, these are designed to facilitate secure electrical paths between printed circuit boards (PCBs) or from a backplane to a daughter card.
### 2. Technical Specifications
While specific data varies by manufacturer (often associated with brands like **Molex** or **Harting** in similar numbering schemes), the general specifications for this class of component include:
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Vertical Header / Signal Connector |
| **Contact Plating** | Usually Gold (Au) or Palladium-Nickel for high durability |
| **Pitch** | Typically 2.0mm or 2.54mm (standard high-density) |
| **Mounting Type** | Through-hole or Press-fit (Solderless) |
| **Number of Positions** | 162 Pins/Contacts |
| **Insulation Material** | Thermoplastic (UL 94V-0 rated) |
---
### 3. Key Electronic Characteristics
* **Signal Integrity:** Designed to minimize crosstalk and electromagnetic interference (EMI), which is critical for high-frequency signal processing.
* **Low Contact Resistance:** Ensures minimal voltage drop across the connection, which is vital for sensitive electronic sensors and processors.
* **Mechanical Resilience:** The "R2" suffix often denotes a specific revision or a "Right Angle" vs. "Vertical" designation, while "/N" often indicates a "Non-shielded" or "Neutral" configuration depending on the vendor.
* **Operating Temperature:** Generally rated for -55°C to +125°C, making it suitable for industrial environments.
---
### 4. Common Applications
* **Networking Gear:** Used in switches and routers for backplane connectivity.
* **Industrial Automation:** Connecting PLC (Programmable Logic Controller) modules.
* **Medical Imaging:** High-pin-count interfaces for data transfer in MRI or CT scan hardware.
---
### 5. Identification Logic (Part Number Breakdown)
| Prefix/Suffix | Potential Meaning |
| :--- | :--- |
| **W2VS** | Series code (Vertical Signal/Power) |
| **162** | Total number of pins/contacts |
| **B** | Body style or mating type |
| **R2** | Revision number or performance class |
| **N** | Finishing (e.g., Natural color or No-shielding) |
- ⤷What is the current rating per pin for the W2VS-162B-R2/N?
- ⤷ Is this connector compatible with standard DIN rail mounting systems?
- ⤷ Does this part require specific tooling for press-fit installation?