AI

The **W2VS-1AB-R** is a specific surface-mount electronic component, typically categorized as a **Bi-Directional TVS (Transient Voltage Suppressor) Diode Array**. It is primarily designed to protect sensitive high-speed data lines from Electrostatic Discharge (ESD) and voltage surges.
---
## 1. Technical Specifications
The following table summarizes the key electrical characteristics of the W2VS-1AB-R:
| Parameter | Value | Unit |
| :--- | :--- | :--- |
| **Circuit Configuration** | Bi-Directional | - |
| **Working Peak Reverse Voltage ($V_{RWM}$)** | 5.0 | V |
| **Breakdown Voltage ($V_{BR}$)** | 6.0 (Min) | V |
| **Clamping Voltage ($V_{C}$)** | ~9.8 | V |
| **Peak Pulse Current ($I_{PP}$)** | 3 - 5 | A |
| **Junction Capacitance ($C_{j}$)** | < 1.0 | pF |
| **Package Type** | SOD-523 / SOT-523 | - |
---
## 2. Key Electronic Features
### High-Speed Data Protection
Due to its **ultra-low capacitance** (often less than 1pF), this part is ideal for protecting interfaces where signal integrity is critical. High capacitance would distort high-frequency signals, making this part suitable for USB 2.0/3.0, HDMI, and DisplayPort interfaces.
### Bi-Directional Nature
Unlike uni-directional diodes, the "Bi-Directional" configuration allows the part to clamp both positive and negative transients. This is essential for lines where the signal swings above and below ground, or where protection against reverse-polarity ESD events is required.
### Small Form Factor
The "SOD-523" or similar small-outline package allows for high-density PCB layouts, making it a standard choice for smartphones, tablets, and wearable electronics.
---
## 3. Typical Application Schematic
In a standard circuit, the W2VS-1AB-R is placed in parallel between the data line and ground.
```circuit
[Data Line] ────────┬──────── [IC Input]
│
┌─────┴─────┐
│ W2VS-1AB-R│ (TVS Diode)
└─────┬─────┘
│
[Ground]
```
### Common Uses:
* **USB Ports:** Protection for D+ and D- lines.
* **Audio Jacks:** Protecting against ESD when plugging/unplugging headphones.
* **GPIO Pins:** General purpose input/output protection on Microcontrollers.
---
- ⤷
What is the difference between the W2VS-1AB-R and a standard Zener diode?
- ⤷ How does the ultra-low capacitance affect signal integrity in GHz frequencies?
- ⤷ Are there alternative packages for this specific TVS diode?