W2VS-1AY-R2
AI

The **W2VS-1AY-R2** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. It is primarily used in industrial automation to convert, isolate, and transmit DC signals between field devices and control systems (like PLCs or DCS).
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Type** | Dual-output Signal Conditioner (Isolator) |
| **Input Signal** | 4 – 20 mA DC |
| **Output 1** | 4 – 20 mA DC |
| **Output 2** | 1 – 5 V DC |
| **Power Input** | 24V DC (approx. 80mA) |
| **Accuracy** | ±0.1% of span |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Mounting** | DIN Rail Mounting |
---
### 2. Core Electronic Components & Functions
The device is composed of several critical electronic stages to ensure signal integrity:
#### A. Input Circuitry
* **Current Shunt:** Converts the 4-20mA input loop into a voltage that the internal processing unit can read.
* **Protection Diode:** Protects the internal circuits from polarity reversal or overcurrent.
#### B. Isolation Barrier (Galvanic Isolation)
* **Optical or Magnetic Coupling:** The "R2" series typically uses high-speed transformers or opto-couplers to physically separate the input, output, and power circuits.
* **Purpose:** This prevents "Ground Loops" and protects sensitive PLC inputs from high-voltage surges in the field.
#### C. Signal Processing
* **Zero/Span Adjustments:** Located on the front panel, these potentiometers allow the user to fine-tune the calibration of the electronic output relative to the input.
* **Filtering:** Internal low-pass filters remove high-frequency noise (EMI/RFI) picked up by long field cables.
#### D. Dual Output Drivers
* Unlike standard isolators, this model provides **two independent outputs**.
* The electronic driver for **Output 1** is designed for high-impedance current loops (up to 750Ω).
* The driver for **Output 2** is a voltage source designed for monitoring equipment.
---
### 3. Wiring Configuration
To interface with the electronic terminals, follow this standard pin layout:
```text
Terminal | Function
---------|-------------------
1 - 2 | Output 1 (+) / (-)
3 - 4 | Output 2 (+) / (-)
5 - 6 | Input (+) / (-)
7 - 8 | Power Supply (24V DC)
```
---
### 4. Application Use-Case
The **W2VS-1AY-R2** is commonly used when a single 4-20mA sensor needs to send data to two different locations—for example, sending the primary signal to a **PLC** (via Output 1) and a local **Digital Chart Recorder** (via Output 2), while ensuring that a failure in one device does not affect the other.
- ⤷
What is the maximum load resistance for the 4-20mA output on this model?
- ⤷ How do you calibrate the Zero and Span settings for the W2VS-1AY-R2?
- ⤷ Can this device be powered by 110V AC instead of 24V DC?