W2VS-1BY-R
AI

The **W2VS-1BY-R** is a specific electronic component primarily identified as a **Signal Conditioner / Isolator** (specifically a Distributor/Transmitter) manufactured by companies like **M-System**. It is used in industrial automation to convert and isolate analog signals.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Signal Conditioner / Isolator |
| **Input Signal** | 4 – 20 mA DC (2-wire transmitter) |
| **Output 1** | 1 – 5 V DC |
| **Output 2** | 4 – 20 mA DC |
| **Power Input** | 100 – 240V AC (Standard R-Type) |
| **Mounting** | DIN Rail or Surface Mount |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
---
### 2. Functional Breakdown
#### A. Power Supply (Input)
The "R" suffix typically denotes the power supply rating. For the W2VS series, "R" usually indicates an **AC Power Supply (100–240V AC)**, making it versatile for global industrial grids without needing a separate DC transformer.
#### B. Isolation (Galvanic Separation)
This part provides **three-way isolation**:
1. **Input to Output:** Protects the controller (PLC/DCS) from surges at the sensor.
2. **Output to Output:** Prevents ground loops between different monitoring devices.
3. **Power to Signal:** Filters out electrical noise from the power line.
#### C. Signal Conversion (Distributor)
The device acts as a **Distributor**. It provides power (usually 24V DC) to a 2-wire field transmitter (like a pressure or temperature sensor) and simultaneously converts that current signal into two separate, isolated outputs for a PLC and a local display.
---
### 3. Terminal Configuration Example
While you should always consult the specific datasheet, the W2VS series generally follows this logic:
```markdown
- Terminals 1 & 2: Power Supply Input (AC)
- Terminals 4 & 5: Input Signal (from Transmitter)
- Terminals 6 & 7: Output 1 (e.g., 1-5V DC)
- Terminals 8 & 9: Output 2 (e.g., 4-20mA DC)
```
---
### 4. Applications
* **Ground Loop Elimination:** Used when the sensor and the PLC are grounded at different potentials.
* **Signal Splitting:** When one sensor needs to send data to two different systems (e.g., a Safety Instrumented System and a standard Data Logger).
* **Long-Distance Transmission:** Converting weak signals to robust 4-20mA loops for long cable runs.
- ⤷
What is the exact input/output configuration for my specific sub-model?
- ⤷ How do I calibrate the Zero and Span on the W2VS-1BY-R?
- ⤷ What are the alternatives to M-System signal conditioners?