W2VS-1BY-R2
AI

The **W2VS-1BY-R2** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. It is designed to convert and isolate DC input signals into two independent DC output signals.
---
### 1. General Specifications
This device is part of the W2 Series, which focuses on dual-output signal conditioning in a compact, plug-in style.
| Feature | Specification |
|:---|:---|
| **Model Type** | Ultra-slim Signal Conditioner (Dual Output) |
| **Power Input** | 24V DC (typical for -R2 suffix) |
| **Input Signal** | 4 to 20 mA DC |
| **Output 1** | 4 to 20 mA DC |
| **Output 2** | 1 to 5 V DC |
| **Isolation** | 3-way isolation (Input to Output 1 to Output 2 to Power) |
| **Mounting** | DIN rail or Surface mount |
---
### 2. Core Electronic Components & Architecture
While the internal circuitry is proprietary, the W2VS series relies on several key electronic stages:
#### A. Input Stage
* **Precision Shunt Resistor:** Converts current inputs (like 4-20mA) into a voltage signal.
* **Surge Absorbers:** Protects the internal electronics from transient voltage spikes on the input line.
#### B. Isolation Barrier
* **Optoisolators / Transformer Coupling:** The "1BY" logic uses high-frequency switching and magnetic or optical coupling to ensure there is no electrical path between the field sensor and the PLC/DCS.
* **Dielectric Strength:** Usually rated for 2000V AC for 1 minute.
#### C. Signal Processing (Conversion)
* **Operational Amplifiers (Op-Amps):** High-precision amplifiers handle the linear scaling of the signal to ensure the output remains proportional to the input (Linearity $\pm 0.1\%$).
* **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning the electronic calibration.
#### D. Output Stage
* **Independent Drivers:** Two separate circuits drive Output 1 and Output 2. This ensures that a short circuit or failure on Output 2 does not affect the signal integrity of Output 1.
---
### 3. Suffix Breakdown ("1BY-R2")
* **1:** Input code (typically 4-20mA DC).
* **B:** Output 1 code (typically 4-20mA DC).
* **Y:** Output 2 code (typically 1-5V DC).
* **R2:** Power source code (24V DC).
### 4. Application Use Case
In industrial electronics, this part is used when a single sensor (like a pressure transmitter) needs to send information to two different places—for example, a **Local Digital Display** and a **Remote PLC**—while keeping them electrically isolated to prevent ground loops.
- ⤷
What are the wiring diagrams for the W2VS series?
- ⤷ How do I calibrate the Zero and Span on this device?
- ⤷ What is the difference between the R and R2 power suffixes?