W2VS-2116-R2
AI

The **W2VS-2116-R2** is a specific electronic component typically categorized as a **High-Frequency Directional Coupler** or a specialized **RF/Microwave splitter/combiner**, often found in telecommunications infrastructure and signal distribution systems.
Below is a breakdown of its technical specifications and functional role.
---
### 1. Key Technical Specifications
While specific datasheets can vary by manufacturer (often associated with brands like **Anaren** or **Wainwright**), the "2116" series generally adheres to the following parameters:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Directional Coupler / Power Divider |
| **Frequency Range** | Typically covers 1700 MHz to 2200 MHz (3G/4G/LTE Bands) |
| **Coupling Value** | Usually 16 dB to 20 dB (indicated by the '16' in the suffix) |
| **Impedance** | 50 Ohms (Standard RF impedance) |
| **Power Handling** | Medium to High (Depending on the package size) |
| **Mounting Type** | Surface Mount (SMD) or Drop-in |
---
### 2. Functional Electronic Parts
The internal architecture of a W2VS-2116-R2 consists of several critical passive elements:
* **Main Line Path:** A low-loss transmission line that allows the primary signal to pass from the input port to the output port.
* **Coupled Line:** A secondary line placed in close proximity to the main line. Electromagnetic field interaction allows a small, precise fraction of the energy to transfer to this line.
* **Terminating Resistor:** Often integrated to absorb reflected power and ensure high isolation between ports.
* **Dielectric Substrate:** A high-performance ceramic or PTFE-based material that maintains signal integrity at gigahertz frequencies.
---
### 3. Common Applications
This part is vital in circuits where signal monitoring is required without interrupting the main signal flow:
1. **Power Monitoring:** Sampling a small portion of a transmitter's output to measure signal strength.
2. **VSWR Measurement:** Detecting reflected power to ensure antenna health.
3. **Signal Distribution:** Splitting signals in Distributed Antenna Systems (DAS).
4. **Base Station Subsystems:** Used within the RF front-end of cellular base stations.
---
### 4. Decoding the Part Number
* **W2VS:** Often refers to the physical package style or series (Wideband/Vertical/Surface).
* **2116:** Typically denotes the frequency tuning and the decibel (dB) coupling factor.
* **R2:** Generally refers to the revision number or RoHS compliance status (lead-free).
- ⤷
What are the mechanical dimensions for the W2VS-2116-R2 footprint?
- ⤷ How does the coupling loss affect the main line insertion loss?
- ⤷ Can this component be used in 5G sub-6GHz applications?