Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2VS-222-R2

  • AI
    The **W2VS-222-R2** is a specific model within a series of signal conditioners (transducers), typically manufactured by companies like **Watanabe Electric Industry**. It is designed to convert standard DC signals into two isolated DC outputs. Below is a breakdown of its electronic components, specifications, and functions. --- ## 1. Technical Specifications The model code "W2VS-222-R2" defines the specific configuration of the device: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | 4 to 20 mA DC | Standard industrial current loop input. | | **Output 1** | 4 to 20 mA DC | First isolated output signal. | | **Output 2** | 4 to 20 mA DC | Second isolated output signal. | | **Power Supply** | 24V DC | Requires a regulated DC power source. | | **Isolation** | 3-Port Isolation | Input, Output, and Power are all galvanically isolated. | --- ## 2. Core Electronic Components Internally, the W2VS-222-R2 consists of several critical stages that ensure signal integrity and safety: ### A. Input Conditioning Circuit * **Precision Resistors:** Used to convert current (mA) into a voltage that the internal operational amplifiers can process. * **Surge Protectors:** Zener diodes or varistors that protect the internal circuitry from spikes on the input line. ### B. Isolation Stage (The "Heart") * **Optocouplers or Transformers:** These components facilitate "Galvanic Isolation." This ensures that high-voltage transients or ground loops on the input side do not damage the output side or the PLC/Controller. * **DC-DC Converter:** An internal high-frequency transformer that provides isolated power to the different stages of the module. ### C. Signal Processing & Output * **Operational Amplifiers (Op-Amps):** These scale and linearize the signal to ensure the output matches the input exactly (1:1 ratio). * **Adjustment Potentiometers:** Located on the front panel (usually labeled "ZERO" and "SPAN"), these allow for fine-tuning the calibration of the electronic output. --- ## 3. Physical Layout & Terminal Connections The device is typically a plug-in type module designed for DIN rail mounting. | Terminal No. | Function | | :--- | :--- | | **1 & 2** | Output 1 (+ / -) | | **3 & 4** | Output 2 (+ / -) | | **5 & 6** | Input (+ / -) | | **7 & 8** | Power Supply (L+ / N-) | --- ## 4. Key Electronic Features * **High Accuracy:** Usually within ±0.1% of the span. * **Temperature Stability:** Components are rated to maintain accuracy despite heat fluctuations inside a control cabinet. * **Response Time:** Fast electronic response (typically <100ms) to ensure real-time monitoring of industrial processes. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a signal isolator and a signal splitter in this context?
    • ⤷ How do I calibrate the 'Zero' and 'Span' settings on this specific module?
    • ⤷ Can this module be used if the input signal is 0-10V instead of 4-20mA?