W2VS-22B-R2/N
AI

The **W2VS-22B-R2/N** is an industrial-grade, high-performance **Signal Conditioner (Transducer)** manufactured by **M-System**. Its primary function is to isolate and convert two independent DC input signals into two isolated DC output signals.
---
### 1. General Specifications
This device belongs to the *W2 Series* of compact signal conditioners. The "W" indicates a **Dual-Output** or **Dual-Channel** design.
| Feature | Specification |
| :--- | :--- |
| **Model Type** | Ultra-Slim Signal Splitter / Transducer |
| **Channels** | 2 Independent Channels |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Construction** | Terminal block style (DIN rail mounting) |
| **Housing Material** | Flame-resistant resin (Black) |
---
### 2. Part Number Breakdown (W2VS-22B-R2/N)
Understanding the suffix codes is critical for identifying the electronic behavior of this specific unit:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **W2VS** | Model Series | Dual Output Signal Conditioner (Isolator) |
| **2** | Input | 4 – 20 mA DC |
| **2** | Output 1 | 4 – 20 mA DC |
| **B** | Output 2 | 2 – 10 V DC (Specific to "B" variant) |
| **R** | Power Input | 24V DC |
| **2** | Performance | High Accuracy / Standard Response |
| **/N** | Option | Specific terminal coating or standard compliance |
---
### 3. Electronic Components & Functionality
#### A. Input Circuit (4-20mA)
The input stage features a precision shunt resistor. When the 4-20mA current flows through, it creates a voltage drop which is then sampled by the internal circuitry. It includes **surge protection** to prevent damage from line spikes.
#### B. Isolation Barrier
This is the core electronic feature. It uses **Optical or Galvanic Isolation** (typically transformer-based for M-System):
* **Voltage Resistance:** Usually rated for 2000V AC @ 1 minute.
* **Purpose:** It prevents ground loops and protects sensitive PLC/DCS controllers from high-voltage transients on the field side.
#### C. Output Stages
The "R2" designation implies high-precision operational amplifiers that drive the outputs:
1. **Output 1 (Current):** A 4-20mA current loop driver.
2. **Output 2 (Voltage):** A 2-10V voltage source driver.
#### D. Power Supply Section
Designed for **24V DC** operation. It contains internal DC-DC converters to provide stable, regulated power to the isolated input and output stages independently.
---
### 4. Technical Summary Table
| Parameter | Value |
| :--- | :--- |
| **Accuracy** | ±0.1% |
| **Temperature Coefficient** | ±0.015% / °C |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Insulation Resistance** | ≥ 100 MΩ with 500V DC |
| **Power Consumption** | Approx. 3W |
---
- ⤷
What is the wiring diagram for the 24V DC power connection on this model?
- ⤷ Can the 4-20mA input be changed to a voltage input by the user?
- ⤷ What is the difference between the standard response and the fast-response options for the W2VS series?