W2VS-2BY-R2/CE
AI

## M-System W2VS-2BY-R2/CE: Electronic Overview
The **W2VS-2BY-R2/CE** is a high-performance, ultra-slim (W2 series) signal conditioner manufactured by M-System (now MG CO., LTD). Specifically, it is a **Dual-Output Signal Isolator**. Its primary electronic function is to take one analog input signal and provide two isolated analog output signals.
---
### 1. Model Code Breakdown
Understanding the electronic specifications through the model nomenclature:
| Code Segment | Specification | Description |
| :--- | :--- | :--- |
| **W2VS** | Series | Ultra-slim Signal Splitter (Dual Output) |
| **2** | Input | 0 – 5V DC |
| **B** | Output 1 | 2 – 10V DC |
| **Y** | Output 2 | 0 – 10V DC |
| **R2** | Power Supply | 24V DC (Operating range 24V ±10%) |
| **CE** | Certification | CE marking (EMC Directive compliance) |
---
### 2. Key Electronic Components & Functions
#### A. Input Circuitry (Terminal 5 & 6)
* **Input Impedance:** For voltage inputs (0-5V), the input resistance is typically $\ge 1 M\Omega$.
* **Protection:** Includes surge protectors and filtering to eliminate high-frequency noise from the field sensor.
#### B. Isolation Barrier (Galvanic Isolation)
This is the core "Electronic Part" of the device. It uses **3-way isolation** (Input to Output 1 to Output 2 to Power).
* **Method:** Optical or Magnetic coupling.
* **Strength:** 2000V AC @ 1 minute.
* **Purpose:** Prevents ground loops and protects the PLC/DCS from high-voltage surges on the field side.
#### C. Output Stages (Terminals 1-2 and 3-4)
The device features two independent output drivers:
* **Output 1 (B):** 2 – 10V DC. Load resistance must be $\ge 2000 \Omega$.
* **Output 2 (Y):** 0 – 10V DC. Load resistance must be $\ge 2000 \Omega$.
* **Zero/Span Adjustment:** Small potentiometers located on the front allow for fine-tuning the electronic calibration (typically $\pm 5\%$).
#### D. Power Supply Module
* **Requirement:** 24V DC.
* **Current Consumption:** Approx. 50 mA.
* **LED Indicator:** A green power LED indicates the internal DC-DC converter is functioning.
---
### 3. Technical Specifications Summary
| Feature | Data |
| :--- | :--- |
| **Accuracy** | $\pm 0.1\%$ of span |
| **Temp. Coefficient** | $\pm 0.015\%$ / °C |
| **Response Time** | $\le 0.5$ seconds (0 - 90%) |
| **Insulation Resistance** | $\ge 100 M\Omega$ with 500V DC |
| **Housing Material** | Flame-resistant resin (Black) |
---
### 4. Wiring Diagram (Electronic Interface)
```text
[Output 1: 2-10V] <--- (1) (+)
(2) (-)
[Output 2: 0-10V] <--- (3) (+)
(4) (-)
[Input: 0-5V] <--- (5) (+)
(6) (-)
[Power: 24V DC] <--- (7) (+)
(8) (-)
```
---
- ⤷
How do I calibrate the zero and span settings on this specific model?
- ⤷ What is the maximum allowable load resistance for the 10V output channels?
- ⤷ Can this unit be mounted on a standard DIN rail?