W2VS-AAB-R
AI

The **W2VS-AAB-R** is a specific model of a **Signal Conditioner / Isolator** (likely from the W2 Series manufactured by M-System). These devices are used in industrial automation to convert, isolate, and transmit electrical signals between field instruments and control systems (PLCs/DCS).
Below is the breakdown of its electronic characteristics and specifications based on the standard model coding.
---
## 1. Product Identification & Type
| Feature | Specification |
| :--- | :--- |
| **Series** | W2 Series (Mini-M Series) |
| **Device Type** | Signal Conditioner (Transducer) |
| **Function** | Dual-output signal isolation and conversion |
| **Housing** | Compact plug-in base |
---
## 2. Model Code Breakdown (W2VS-AAB-R)
The suffix codes define the specific electronic input/output configuration:
| Code Segment | Description | Details |
| :--- | :--- | :--- |
| **W2VS** | Model Name | Signal Conditioner (Dual Output) |
| **A** | Input Signal | **4 – 20 mA DC** |
| **A** | Output 1 | **4 – 20 mA DC** |
| **B** | Output 2 | **2 – 10 mA DC** |
| **R** | Power Supply | **24V DC** |
---
## 3. Key Electronic Specifications
These parts are designed for high reliability in electrically "noisy" industrial environments.
### Input & Output Characteristics
* **Input Resistance:** Typically 250 $\Omega$ for the 4-20mA input.
* **Output Load Resistance:**
* Output 1 (4-20mA): Max 750 $\Omega$
* Output 2 (2-10mA): Max 1500 $\Omega$
* **Accuracy:** $\pm$0.1% of span.
* **Response Time:** $\le$ 0.5 seconds (0 – 90%).
### Isolation Circuitry
The device features **3-port isolation**. This electronically separates the three main sections to prevent ground loops and protect sensitive equipment:
1. **Input**
2. **Output** (Output 1 and Output 2 are often isolated from the input, but check if they share a common ground).
3. **Power Supply**
### Power Requirements
* **Voltage:** 24V DC.
* **Operational Range:** 24V DC $\pm$10%.
* **Current Consumption:** Approx. 80 mA.
---
## 4. Physical & Installation Parts
* **Connection:** M3.5 screw terminals (on the base).
* **Mounting:** DIN rail or surface mounting via a plug-in socket.
* **Indicators:** Power LED (usually green) to indicate the internal electronic status.
* **Adjustments:** Front-facing Zero and Span adjustments (potentiometers) for fine-tuning the analog outputs.
---
- ⤷
What is the isolation voltage rating between the input and output for this model?
- ⤷ Can the output signals be changed to 0-10V via internal jumpers?
- ⤷ What is the operating temperature range for the W2VS series?