W2VS-AAB-R2/N
AI

The **W2VS-AAB-R2/N** is a specific model within a series of signal conditioners/transducers, typically manufactured by companies like **M-System** (now MG CO., LTD). These devices are used in industrial automation to convert signal types while providing galvanic isolation.
---
## 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific electronic characteristics of the unit:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **W2VS** | Series Name | Dual-output Signal Conditioner (Transducer) |
| **A** | Input Signal | 4 to 20 mA DC |
| **A** | Output 1 | 4 to 20 mA DC |
| **B** | Output 2 | 2 to 10 mA DC |
| **R2** | Power Supply | 11-27V DC (often 24V DC nominal) |
| **N** | Option | Typically denotes standard configuration or non-conformal coating |
---
## 2. Key Electronic Components & Functionality
The internal circuitry of the W2VS-AAB-R2/N is designed for high-precision signal processing.
### A. Signal Isolation (3-Port Isolation)
The device features electrical isolation between:
1. **Input**
2. **Output**
3. **Power Supply**
This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges in the field.
### B. Input/Output Circuitry
* **Input Impedance:** For the 4-20mA input (Code A), the unit typically presents a 250$\Omega$ load.
* **Dual Outputs:** The device splits a single input signal into two independent outputs. This is electronically achieved via an operational amplifier buffer circuit that ensures Output 1 and Output 2 do not interfere with each other.
* **Zero/Span Adjustments:** On the front panel, there are multi-turn potentiometers to calibrate the offset (Zero) and gain (Span) of the electronic signals.
### C. Power Management
The `R2` designation indicates a switching regulator circuit designed for DC power. It is engineered to handle fluctuations between 11V and 27V while maintaining a stable internal reference voltage.
---
## 3. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Signal** | 4 – 20 mA DC |
| **Output 1** | 4 – 20 mA DC (Load: $\le$ 750 $\Omega$) |
| **Output 2** | 2 – 10 mA DC (Load: $\le$ 1500 $\Omega$) |
| **Accuracy** | $\pm$0.1% of span |
| **Response Time** | $\le$ 0.5 seconds (0 to 90%) |
| **Isolation Resistance** | 100 M$\Omega$ minimum at 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
---
## 4. Typical Applications
* **Signal Splitting:** Sending one sensor signal to both a local display and a remote PLC.
* **Impedance Matching:** Converting a high-impedance signal for use with a low-impedance controller.
* **Noise Reduction:** Cleaning up noisy industrial signals through galvanic isolation and filtering.
- ⤷
What is the maximum load resistance for the Output 1 signal?
- ⤷ How do I calibrate the zero and span settings for this specific model?
- ⤷ Is this device compatible with AC power sources?