W2VS-AB15-R
AI

The **W2VS-AB15-R** belongs to the **W2VS series** of signal converters/isolators manufactured by **M-System**. This specific model is a **Dual-Output Signal Conditioner** (often referred to as a signal isolator or transmitter) designed for industrial automation and process control.
Below is a breakdown of its electronic specifications and technical architecture.
---
## 1. Technical Specifications
The model code `W2VS-AB15-R` can be decoded as follows:
| Component Code | Description | Details |
| :--- | :--- | :--- |
| **W2VS** | Series Name | Dual-output signal conditioner (compact size) |
| **A** | Input Signal | 4 – 20 mA DC |
| **B** | Output 1 | 2 – 10 V DC |
| **1** | Output 2 | 4 – 20 mA DC |
| **5** | Power Input | 100 – 240 V AC |
| **R** | Standards/Options | Typically refers to standard housing/RoHS compliance |
---
## 2. Key Electronic Components & Functions
The device operates using three primary internal stages to ensure signal integrity and safety:
### A. Input Stage
* **Current Shunt:** Converts the 4-20mA input loop into a low-voltage signal for internal processing.
* **Protection:** Includes surge suppressors to protect the internal circuitry from spikes in the field wiring.
### B. Isolation Barrier (Galvanic Isolation)
* **Method:** Uses optical or magnetic coupling.
* **Isolation Points:** Provides 3-way isolation (Input to Output 1 to Output 2 to Power).
* **Rating:** Typically rated for 2000V AC isolation for 1 minute. This prevents ground loops from distorting signals.
### C. Output Stage
* **Dual Drivers:** Contains two independent output circuits.
* **Span/Zero Adjustments:** Front-mounted potentiometers allow for fine-tuning the calibration of both the voltage output (Output 1) and the current output (Output 2).
---
## 3. Performance Parameters
| Parameter | Specification |
| :--- | :--- |
| **Accuracy** | ±0.1% of span |
| **Temperature Coefficient** | ±0.015% / °C |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Insulation Resistance** | 100 MΩ with 500V DC |
| **Housing Material** | Flame-resistant resin (Black) |
---
## 4. Wiring Diagram (Conceptual)
The unit is typically mounted on a DIN rail and uses a multi-pin base.
```text
[ Power L ] --- (1) (5) --- [ Output 1 (+) ]
[ Power N ] --- (2) (6) --- [ Output 1 (-) ]
(7) --- [ Output 2 (+) ]
[ Input + ] --- (3) (8) --- [ Output 2 (-) ]
[ Input - ] --- (4)
```
---
## 5. Typical Application
This part is used when a single sensor signal (e.g., a flow meter) needs to be sent to two different devices simultaneously—for example, a **PLC** (Programmable Logic Controller) and a **Local Digital Display**—without the two devices interfering with each other electronically.
- ⤷
What is the maximum load resistance for the 4-20mA output on this model?
- ⤷ How do I calibrate the zero and span settings on the W2VS-AB15-R?
- ⤷ Can this model be powered by 24V DC instead of AC?