W2VS-AB15-R2
AI

The **W2VS-AB15-R2** is a specific model within a series of signal converters/transmitters, typically manufactured by companies like **M-System**. It is designed for industrial automation to convert signal inputs into isolated DC outputs.
### 1. Model Breakdown (Technical Specifications)
The alphanumeric code describes the specific electronic configuration of the unit:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **W2VS** | Series Identifier | Ultra-slim Signal Splitter (Two isolated outputs) |
| **A** | Input Signal | 4 – 20 mA DC |
| **B** | Output 1 | 2 – 10 V DC |
| **1** | Output 2 | 0 – 10 mV DC |
| **5** | Power Input | 100 – 240 V AC |
| **R2** | Response/Compliance | Standard response; CE marking / UL listed |
---
### 2. Core Electronic Components & Functions
The device functions through several internal stages to ensure signal integrity and safety:
#### A. Input Stage (Current Loop)
* **Precision Shunt Resistor:** Since the input is 4–20 mA, the device uses a high-precision, low-drift resistor to convert the current into a proportional voltage for internal processing.
* **Surge Protection:** Includes Zener diodes or Varistors to protect the internal circuitry from spikes in the control loop.
#### B. Isolation Barrier (Galvanic Isolation)
* **Optocouplers/Transformers:** This is a "3-way isolated" device. It electronically separates the **Input**, **Output**, and **Power** circuits.
* **Benefit:** This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side.
#### C. Signal Processing & Splitting
* **Operational Amplifiers (Op-Amps):** These scale the input signal into two independent paths.
* **Calibration Potentiometers:** Located on the front panel (Zero/Span adjustments), these allow for fine-tuning the electronic gain and offset of the output signals.
#### D. Output Stage
* **Voltage Drivers:** The "B1" configuration uses specific circuitry to drive a high-impedance 2-10V signal and a low-level 0-10mV signal simultaneously without interference between them.
---
### 3. Connection Diagram (Simplified)
Below is a representation of the terminal layout for this electronic module:
| Terminal No. | Function | Connection Type |
| :--- | :--- | :--- |
| **1 / 2** | Output 1 (2-10V) | To Controller/Display |
| **3 / 4** | Output 2 (0-10mV) | To Sensitive Instrumentation |
| **5 / 6** | Input (4-20mA) | From Field Sensor/Transmitter |
| **7 / 8** | Power Supply | 100-240V AC Source |
---
### 4. Technical Summary
* **Mounting:** DIN Rail (typically 20mm width).
* **Accuracy:** Generally $\pm 0.1\%$ of span.
* **Temperature Drift:** Typically within $0.015\%$ per degree Celsius.
- ⤷
How do I calibrate the Zero and Span on the W2VS-AB15-R2?
- ⤷ What is the maximum load resistance for the 2-10V output?
- ⤷ Can this module be powered by 24V DC instead of AC?