Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2XF-S1V2V2-R

  • AI
    The part number **W2XF-S1V2V2-R** typically refers to a high-performance **Industrial Ethernet/M12 Connector or Cable Assembly**, often associated with automation brands like Phoenix Contact or Turck. It is designed for rugged environments requiring reliable data transmission. --- ### 1. Part Breakdown (Technical Nomenclature) While specific prefixes vary by manufacturer, this specific coding usually follows the industrial standard for sensor/actuator cabling: | Code Segment | Description | Technical Detail | | :--- | :--- | :--- | | **W2XF** | **Connector Type** | Usually indicates a right-angled (90°) M12 female connector. | | **S1** | **Shielding/Pinout** | Indicates shielded construction (360° EMI protection) and specific coding (e.g., A-coded). | | **V2V2** | **Jacket Material** | Refers to **PVC (Polyvinyl Chloride)** insulation for both the inner wire and outer jacket. | | **R** | **Packaging/Orientation** | Often indicates "Reel" packaging or a specific right-hand orientation. | --- ### 2. Key Electrical & Mechanical Specifications The electronic components within this assembly are engineered for industrial signal integrity. * **Rated Voltage:** Typically 30V to 250V AC/DC (depending on the number of poles). * **Current Rating:** Usually 4A per contact at 40°C. * **Contact Resistance:** $\le 5 m\Omega$. * **Insulation Resistance:** $\ge 100 M\Omega$. * **Transmission Characteristics:** Often CAT5 or CAT5e rated for data speeds up to 100 Mbps. --- ### 3. Application Areas These parts are foundational in modern "Smart Factory" setups: 1. **Sensors & Actuators:** Connecting proximity switches or pressure sensors to a PLC. 2. **Industrial Ethernet:** Used in Profinet or EtherCAT networks where vibration resistance is required. 3. **Robotics:** The V2V2 (PVC) jacket provides moderate flexibility and chemical resistance against common cleaning agents. --- ### 4. Comparison Table: Jacket Materials The "V2V2" designation is crucial for environmental compatibility: | Feature | PVC (V2V2) | PUR (Polyurethane) | | :--- | :--- | :--- | | **Flexibility** | Moderate | High (Torsion resistant) | | **Oil Resistance** | Low | High | | **Flame Retardant** | Yes | Yes | | **Typical Use** | Static installations | Robotic arms / C-tracks | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations available for the S1 series?
    • ⤷ How does the V2V2 jacket perform in high-temperature environments?
    • ⤷ Is this part compatible with IP67 or IP68 waterproof standards?