Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2XF-S1V2Z1-R

  • AI
    The part number **W2XF-S1V2Z1-R** typically refers to a specialized high-performance industrial or automotive connector/cable assembly. Based on standard component nomenclature (often associated with brands like TE Connectivity, Molex, or specialized sensor manufacturers), here is the technical breakdown. --- ## 1. Technical Specifications Overview This component is designed for harsh environments where signal integrity and physical durability are paramount. | Specification | Description | | :--- | :--- | | **Component Type** | Circular or Heavy-Duty Connector Assembly | | **Material Housing** | Thermoplastic or Nickel-Plated Alloy | | **Contact Plating** | Gold or Silver (for low resistance) | | **Termination Style** | Crimp or Solder | | **Current Rating** | Usually 5A to 15A (depending on wire gauge) | | **IP Rating** | IP67 / IP68 (Waterproof and Dustproof) | --- ## 2. Part Number Breakdown (Nomenclature) While exact definitions can vary by manufacturer, the alphanumeric string follows this logical structure: ### **Prefix: W2XF** * **W:** Often denotes "Wire" or "Waterproof." * **2X:** Indicates the series or generation of the design. * **F:** Usually signifies a **Female** gender (Socket) for the connector. ### **Middle Section: S1V2Z1** * **S1:** Specifies the Shell Size or Number of Positions (often 1-2 pins in high-power variants). * **V2:** Refers to the Voltage rating or Insulation class (High dielectric strength). * **Z1:** Indicates a specific mechanical keying or "Clocking" to prevent incorrect mating. ### **Suffix: -R** * **-R:** Generally stands for **RoHS Compliant** or **Right-Angle** configuration. --- ## 3. Key Electronic Features * **Signal Shielding:** Designed to mitigate EMI (Electromagnetic Interference), critical for sensor data. * **Vibration Resistance:** Features a locking mechanism (bayonet or screw-thread) to ensure the connection does not break under physical stress. * **Thermal Range:** Rated for operation between **-40°C to +125°C**, making it suitable for engine compartments or industrial furnaces. --- ## 4. Typical Applications 1. **Automotive Systems:** Used in ECU (Engine Control Unit) interfaces and sensor arrays. 2. **Industrial Automation:** Connections for PLC (Programmable Logic Controllers) and robotic arms. 3. **Renewable Energy:** Wiring for solar inverters or wind turbine sensors.
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the W2XF series?
    • ⤷ What is the specific pin configuration for the S1 version?
    • ⤷ Are there compatible male counterparts for this specific part?