Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2XF-Z1V3V3-R

  • AI
    The part number **W2XF-Z1V3V3-R** corresponds to a high-performance **Industrial Ethernet Cable**, specifically a **VFD (Variable Frequency Drive) / Servo Cable** often associated with manufacturers like Helukabel or similar industrial wiring specialists. Below is a breakdown of its technical specifications and electronic components. --- ### 1. Technical Specifications Breakdown | Feature | Specification | | :--- | :--- | | **Product Type** | VFD / Servo Motor Connection Cable | | **Core Structure** | 3 Main Power Conductors + 3 Symmetrical Earth/Ground Conductors | | **Insulation Material** | XLPE (Cross-linked Polyethylene) or Special PVC | | **Screening/Shielding** | Dual Shield (Alu-foil + Tinned Copper Braid) | | **Sheath Material** | PVC (Polyvinyl Chloride), Flame Retardant | | **Nominal Voltage** | 600V / 1000V | | **Temperature Range** | -40°C to +90°C (Fixed installation) | --- ### 2. Key Electronic Features #### A. Symmetrical Grounding (3+3 Design) Unlike standard 4-core cables, this cable uses three split ground conductors. This design reduces **Common Mode Noise** and improves the electromagnetic compatibility (EMC) of the motor system, protecting motor bearings from electrical discharge currents. #### B. Electromagnetic Compatibility (EMC) The "Z1" and "V3" designations often refer to the shielding effectiveness. The cable features a low-capacitance design that minimizes "leakage" current, which is critical when used with high-frequency PWM (Pulse Width Modulation) signals from an inverter. #### C. Insulation Properties The use of **XLPE** (represented by parts of the V3 code in some standards) allows for: * High dielectric strength. * Low mutual capacitance. * The ability to handle high voltage spikes typical of VFD applications. --- ### 3. Application Use Cases * **Variable Frequency Drives (VFDs):** Connecting the frequency converter to the motor. * **Servo Systems:** High-precision motion control where signal integrity is vital. * **Automotive/Manufacturing:** Used in assembly lines where EMI (Electromagnetic Interference) must be suppressed to prevent sensor errors. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 3-core and a 3+3 symmetrical cable?
    • ⤷ How does XLPE insulation compare to standard PVC for VFD applications?
    • ⤷ What are the grounding requirements for installing this specific cable?