W2XR-0V2V2-R2
AI

The part number **W2XR-0V2V2-R2** belongs to the **W2XR Series** of high-precision current-sensing resistors manufactured by **Susumu**. These components are specifically designed for power management and current detection in automotive and industrial electronics.
---
### 1. Technical Specifications Table
The following table breaks down the core technical parameters based on the Susumu naming convention:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Wide Terminal | Terminal is on the long side for better heat dissipation |
| **Resistance Value** | 2 mΩ (0.002 Ω) | Indicated by "0V2V2" (2.2mΩ variant) |
| **Tolerance** | ±1% | Precision rating for accurate measurement |
| **Power Rating** | 2W - 3W | High power handling capability |
| **Temperature Coeff.** | ±50 ~ ±100 ppm/°C | Stability over temperature changes |
| **Package Size** | 1632 / 3264 | Standardized metric or imperial footprints |
---
### 2. Key Design Features
* **Wide Terminal Structure:** Unlike standard chip resistors, the electrical contacts are located on the long sides. This reduces internal inductance and significantly improves heat dissipation into the PCB (Printed Circuit Board).
* **Metal Foil Construction:** These resistors use a metal foil element which provides superior reliability and lower noise compared to thick-film alternatives.
* **Low Inductance:** The geometry makes them ideal for high-frequency switching applications where parasitic inductance must be minimized.
* **AEC-Q200 Compliant:** Most parts in this series are automotive-grade, meaning they can withstand harsh vibrations and high thermal cycling.
---
### 3. Common Applications
1. **Automotive Electronics:** Engine Control Units (ECUs), Battery Management Systems (BMS), and DC-DC converters.
2. **Power Supplies:** Current detection in high-efficiency switching power supplies.
3. **Industrial Motors:** Monitoring load currents in motor drivers and robotic arms.
4. **Consumer Tech:** High-power battery charging circuits in laptops and power tools.
---
### 4. Part Number Breakdown (Logic)
```text
W2XR - 0V2V2 - R2
| | |
| | +-- Packaging (e.g., Tape & Reel)
| +--------- Resistance Value (0V2V2 = 2.2 mOhms)
+----------------- Series Code (Wide terminal, high power)
```
- ⤷
What are the soldering requirements for wide-terminal resistors?
- ⤷ How does a 2mΩ resistor compare to a 10mΩ resistor in terms of power dissipation?
- ⤷ What is the specific thermal resistance rating for the W2XR series?