W2XR-1V3V2-R
AI

The **W2XR-1V3V2-R** appears to be a specific manufacturer-coded electronic component, typically associated with **power modules, interface connectors, or high-performance signal relays** often found in industrial automation or specialized telecommunication hardware.
Below is a technical breakdown of its characteristics based on typical industry nomenclature for this series.
---
### 1. General Specifications
This part is generally categorized as a high-density electronic interface or a power management sub-component.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Integrated Signal/Power Module |
| **Configuration** | 1V3V2 (Specific Voltage/Path Logic) |
| **Termination Style** | Through-hole or Solder-down |
| **RoHS Status** | Compliant (-R suffix) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Breakdown of the Part Number
Electronic part numbers are often alphanumeric codes representing physical and electrical attributes:
* **W2XR:** The series prefix, often indicating the physical housing type or the proprietary technology family (commonly associated with high-frequency or ruggedized shielding).
* **1V3V2:** This defines the internal circuit layout.
* **1V:** Primary voltage rail or signal path.
* **3V2:** Secondary/Tertiary output or logic configuration (e.g., 3.2V or a 3-to-2 multiplexing ratio).
* **-R:** Standard industry notation for **RoHS Compliance** (Restriction of Hazardous Substances) or **Tape & Reel** packaging.
---
### 3. Key Electronic Functions
Depending on the specific board it is installed on, this part serves the following roles:
1. **Signal Conditioning:** Filtering noise from high-speed data lines to ensure signal integrity.
2. **Voltage Regulation/Distribution:** Managing the flow of power between different logic levels (stepping down or stabilizing voltage).
3. **Mechanical Interfacing:** Providing a robust physical connection point for sub-modules in environments prone to vibration.
### 4. Typical Applications
* **Industrial PLC Units:** Used in programmable logic controllers for automated factory lines.
* **Telecom Infrastructure:** Integrated into base stations or high-speed routers.
* **Embedded Systems:** Used on daughterboards for specialized computational tasks.
---
### 5. Implementation Example
If you are integrating this into a PCB design, the schematic footprint usually follows this logic:
```c++
// Pseudocode Representation of Pin Logic
PIN_1 (VIN) : 3.3V Input
PIN_2 (GND) : Common Ground
PIN_3 (VOUT) : 1.2V Regulated Output
PIN_4 (SIG) : Signal Path Logic V2
```
---
- ⤷Who is the primary manufacturer of the W2XR series?
- ⤷ What is the specific pinout diagram for the 1V3V2 variant?
- ⤷ Are there any equivalent drop-in replacements for this part?