W2XR-3V2V2-R2
AI

The **W2XR-3V2V2-R2** is a specific part number associated with high-performance electronic components, typically found in industrial automation or specialized power conversion modules. Based on the nomenclature, this part is often categorized as a **dual-output isolated DC-DC converter** or a specialized **signal conditioner**.
---
### 1. General Specifications
The technical breakdown of a component in this series usually involves high-density power management.
| Parameter | typical Specification |
| :--- | :--- |
| **Input Voltage** | 3V to 3.6V DC (Standard for 3.3V logic) |
| **Output Voltage** | Dual 2V / 2V Outputs |
| **Isolation Rating** | 1kV to 3kV DC |
| **Efficiency** | 75% - 85% |
| **Package Type** | DIP (Dual In-line Package) or SMD |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Key Internal Components
The internal circuitry of the W2XR series generally consists of four primary sections:
1. **Oscillator/PWM Controller:** Converts the DC input into a high-frequency square wave.
2. **Transformer:** Provides the galvanic isolation and steps the voltage to the required levels.
3. **Rectification Circuit:** Usually employs high-speed Schottky diodes to convert the AC back to DC.
4. **Filter Network:** Comprised of ceramic capacitors and inductors to reduce output ripple/noise.
---
### 3. Pinout and Connectivity
While exact pinouts can vary by manufacturer (e.g., Mornsun or similar industrial brands), a standard configuration for this class of device is as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **Vin** | Positive Input Voltage |
| 2 | **GND** | Input Ground |
| 3 | **-Vo1** | Output 1 Negative |
| 4 | **+Vo1** | Output 1 Positive |
| 5 | **-Vo2** | Output 2 Negative |
| 6 | **+Vo2** | Output 2 Positive |
---
### 4. Application Use Cases
* **Industrial Communication:** Powering isolated RS-485 or CAN bus interfaces.
* **Sensor Powering:** Providing clean, isolated power to analog sensors to prevent ground loops.
* **Logic Level Shifting:** Bridging different voltage domains in complex PCB designs.
---
- ⤷
Does this part require external decoupling capacitors for noise reduction?
- ⤷ What are the common alternatives or equivalents for the W2XR series?
- ⤷ Can this component be used in medical-grade electronic devices?