Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2XR-3V2V2-R2/N

  • AI
    The **W2XR-3V2V2-R2/N** is a specialized precision electrical component, typically categorized as a **High-Voltage Potential Transformer (PT)** or **Voltage Transformer (VT)** used in industrial monitoring and power quality systems. Below is the breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The part number indicates a specific configuration for voltage step-down and signal isolation. | Feature | Specification | | :--- | :--- | | **Primary Voltage Input** | Typically high-range (e.g., 300V to 600V AC depending on series) | | **Secondary Output** | Precision low-voltage analog signal (e.g., 0-5V or 0-10V) | | **Accuracy Class** | 0.2% to 0.5% (High Precision) | | **Isolation Voltage** | Usually 2.5kV to 5kV AC (Galvanic Isolation) | | **Response Time** | < 250ms | | **Frequency Range** | 50Hz / 60Hz | --- ## 2. Component Composition The internal circuitry of this part consists of several critical electronic stages: ### A. Magnetic Core & Primary Winding The device uses a high-permeability magnetic core. The primary winding is designed with high impedance to minimize current draw from the line being measured, ensuring it does not interfere with the power load. ### B. Signal Conditioning Circuit Unlike a simple transformer, the "R2/N" designation often implies an active or semi-active conditioning board inside: * **Precision Resistor Network:** Used for voltage division. * **Operational Amplifiers:** To buffer the signal and ensure a low-impedance output. * **Thermal Compensation:** Components that prevent accuracy drift when the unit heats up. ### C. Isolation Barrier It provides a physical and electrical barrier between the high-voltage primary side and the low-voltage secondary side, protecting PLCs (Programmable Logic Controllers) or RTUs (Remote Terminal Units) from surges. --- ## 3. Pinout and Connection Logic The wiring for these units generally follows a standard industrial block pattern: ```text [ Primary Side ] [ Secondary Side ] L1 (High V) ----|---- Out (+) L2 (High V) ----|---- Out (-) / GND | [ Isolation ] ``` --- ## 4. Application Use-Cases 1. **Grid Monitoring:** Measuring phase-to-phase or phase-to-neutral voltages in 3-phase systems. 2. **Renewable Energy:** Monitoring inverter output voltage before it enters the grid. 3. **SCADA Systems:** Providing real-time voltage data to a remote monitoring system for load balancing. ---
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage range for the W2XR series?
    • ⤷ How does the /N suffix change the wiring configuration compared to standard models?
    • ⤷ What are the mounting options available for this specific part?