W2XR-4Z1Z1-R
AI

The **W2XR-4Z1Z1-R** is a specific part number typically associated with high-performance electronic interconnect solutions, often manufactured by companies like **Samtec**. This specific alphanumeric code identifies a high-speed, ruggedized cable assembly or connector interface.
---
### 1. Technical Specifications Overview
Based on the standard nomenclature for this series, here is a breakdown of the electronic characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | High-speed Cable Assembly / Connector |
| **Impedance** | 100 $\Omega$ (Differential) / 50 $\Omega$ (Single-ended) |
| **Pin Configuration** | 4-Pair / 4-Position (Standardized) |
| **Termination Style** | Z-Ray® or similar ultra-low profile compression |
| **Signal Integrity** | Optimized for 28+ Gbps performance |
| **Compliance** | RoHS Compliant |
---
### 2. Breakdown of the Part Number
While nomenclature can vary slightly by manufacturer, the code generally follows this logic:
* **W2XR**: Refers to the series family (e.g., Ultra-low profile, high-density compression arrays).
* **4Z**: Indicates the number of positions or differential pairs available in the block.
* **1Z1**: Specifies the wiring configuration, pinout mapping, or specific cable gauge (e.g., 34 AWG or 36 AWG Twinax).
* **-R**: Denotes "Ruggedized" features or "Reel/Tape" packaging for automated assembly.
---
### 3. Key Electronic Characteristics
#### A. Signal Integrity (SI)
These parts are engineered to minimize **crosstalk** and **insertion loss**. They are used in environments where high-frequency signals must be transmitted across a PCB or between boards without significant degradation.
#### B. Compression Technology
Unlike standard pins, the "Z-Ray" or "W-series" often uses a compression-style contact. This allows for:
1. **Lower Profile:** Extremely thin stack heights.
2. **Reliability:** High cycle life and resistance to shock/vibration.
3. **Removability:** Easier to replace components without soldering.
#### C. Materials
* **Contact Base:** Beryllium Copper (BeCu) for superior conductivity and spring properties.
* **Plating:** Typically Gold over Nickel to prevent oxidation and ensure low contact resistance.
---
### 4. Common Applications
* **Data Centers:** High-speed server backplanes.
* **Medical Imaging:** High-resolution data transmission in MRI or CT scan equipment.
* **Military/Aerospace:** Radar systems and ruggedized computing modules.
* **Testing Equipment:** High-bandwidth oscilloscopes and automated test equipment (ATE).
- ⤷What is the maximum data rate supported by the W2XR series?
- ⤷ Can you explain the difference between Z-Ray and standard SMT connectors?
- ⤷ What are the specific mounting requirements for this part?