AI

The **W2XR-7V3V3-R2** is a high-performance, industrial-grade power module, typically categorized as a redundant power supply unit (PSU) used in high-availability systems like servers, networking equipment, and industrial workstations.
---
### 1. Key Technical Specifications
The following table outlines the core electronic parameters typically associated with this model series:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 90V – 264V AC (Universal) |
| **Output Voltage** | +3.3V, +5V, +12V, -12V, +5Vsb |
| **Form Factor** | 2U Redundant / Rackmount |
| **Max Power Output** | Typically 300W - 400W (Varies by sub-revision) |
| **Cooling** | Dual Internal DC Fans |
| **Efficiency** | 80 PLUS Certified (Standard or Bronze) |
---
### 2. Major Electronic Components & Subsystems
The internal architecture of the W2XR series relies on several critical electronic sections:
#### A. Power Factor Correction (PFC)
* **Active PFC Circuitry:** Utilizes high-voltage MOSFETs and a PFC controller to ensure the power factor remains above 0.95. This reduces harmonic distortion and improves energy efficiency from the AC source.
#### B. Redundancy Logic (Hot-Swap)
* **ORing Diodes/MOSFETs:** This part features a specialized backplane interface. It uses "ideal diodes" (MOSFETs) to prevent reverse current, allowing two modules to share the load. if one fails, the other takes over instantly without a system reboot.
* **TTL Signal Pins:** The connector includes pins for "Power Good" (PG) signals and "PS-ON" logic to communicate with the motherboard.
#### C. DC-to-DC Conversion
* **Secondary Rectification:** Uses high-frequency transformers and Schottky diodes (or synchronous rectification) to step down the high voltage to stable DC rails.
* **Voltage Regulation Modules (VRMs):** These ensure that the 3.3V and 5V rails remain stable within a $\pm5\%$ tolerance even under heavy fluctuating loads.
#### D. Protection Circuits
The unit includes an integrated supervisor IC to handle:
* **OVP (Over Voltage Protection)**
* **OCP (Over Current Protection)**
* **SCP (Short Circuit Protection)**
---
### 3. Connection Interface
The "R2" designation often refers to the specific revision of the physical connector or the mounting bracket. These modules usually use a **Golden Finger** (edge connector) interface rather than standard ATX cables, allowing them to slide into a power distribution board (PDB).
---
- ⤷
What is the MTBF (Mean Time Between Failures) for the W2XR series?
- ⤷ Can this power supply be used in a standard ATX chassis without a backplane?
- ⤷ How does the 'hot-swap' mechanism handle current spikes during insertion?