AI

Based on the part number provided, this appears to be a specialized **RF (Radio Frequency) component**, specifically a **Waveguide-to-Coaxial Adapter**. These parts are critical in telecommunications, radar, and satellite communication systems for transitioning signals between different physical mediums.
---
### 🛠️ Technical Specifications
Below is a breakdown of the typical characteristics for a part in this series (W2XR series):
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Waveguide-to-Coaxial Adapter |
| **Frequency Range** | Typically supports high-frequency bands (E-band or V-band depending on the precise suffix) |
| **Connector Type** | 1.85mm or 2.4mm Female (indicated by "V" or "R" codes) |
| **Waveguide Size** | WR-10, WR-12, or WR-15 (Standard millimeter-wave sizes) |
| **Material** | Gold-plated Brass or Aluminum |
| **VSWR** | Typically < 1.3:1 |
---
### 🔍 Part Number Breakdown
While manufacturer naming conventions vary (common brands include Pasternack, Fairview, or specialized RF vendors), the code usually decomposes as follows:
1. **W2X**: Represents the Series (Waveguide-to-Coax transition).
2. **R-7**: Often refers to the Right Angle configuration and the specific waveguide flange type.
3. **V3V3**: Indicates the connector interface (e.g., V-Type 1.85mm connectors).
4. **R2**: Revision number or specific loss characteristic.
5. **SLASHN**: Usually indicates a specific plating requirement or a "Narrow" band optimization.
---
### 📡 Common Applications
These electronic parts are used in high-precision environments where signal integrity is paramount:
* **Test and Measurement:** Connecting laboratory equipment (like Vector Network Analyzers) to waveguide-based antennas.
* **Satellite Links:** Used in the ground station equipment to bridge high-power transmitters to the antenna feed.
* **Radar Systems:** Facilitating signal flow in high-frequency microwave radar arrays.
* **5G/6G Research:** Testing millimeter-wave components for next-generation mobile networks.
---
### ⚠️ Installation Note
When working with these parts, **torque wrenches** must be used for the coaxial side, and **alignment pins** must be perfectly seated on the waveguide side. Even a microscopic misalignment can cause significant signal reflection (Return Loss).
- ⤷
Which manufacturer produces the W2XR series of adapters?
- ⤷ What is the specific frequency range for a WR-12 waveguide adapter?
- ⤷ How do I calculate the insertion loss for this specific component?