W2XR-9V3V2-R2/N
AI

The part number **W2XR-9V3V2-R2/N** corresponds to a high-performance **Thin Film Power Attenuator** or a specialized resistor component, typically used in RF (Radio Frequency) and microwave applications. These components are designed to reduce the power of a signal without significantly distorting its waveform.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics for this series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fixed Attenuator / Power Resistor |
| **Frequency Range** | DC to 10 GHz+ (Application dependent) |
| **Power Rating** | 2 Watts to 10 Watts (Depending on heat sinking) |
| **Impedance** | 50 Ohms (Standard) |
| **Attenuation Value** | Varies by sub-code (e.g., 3dB, 6dB, 10dB) |
| **Mounting Type** | Surface Mount (SMD) / Leadless |
| **Construction** | Thin Film on Alumina or Beryllium Oxide (BeO) |
---
### 2. Part Number Breakdown (Generic Structure)
While manufacturers have internal codes, the alphanumeric string generally represents:
* **W2XR**: Series identifier (usually denotes the physical size and power handling capability).
* **9V3V2**: Material and specific electrical configuration (Voltage standing wave ratio - VSWR - optimization).
* **R2**: Resistance or Attenuation tolerance/value (likely 2dB or a specific resistance value).
* **N**: Termination finish (often denotes Non-magnetic or Lead-free/RoHS compliant).
---
### 3. Key Applications
These parts are engineered for precision and heat dissipation. Common use cases include:
1. **RF Amplifiers**: Used to stabilize stages or reduce input signal levels to prevent saturation.
2. **Test Equipment**: Integrated into signal generators and spectrum analyzers to protect sensitive inputs.
3. **Telecommunications**: Used in base stations (5G/LTE) for signal conditioning.
4. **Military/Aerospace**: High-reliability versions are used in radar and satellite communication systems.
---
### 4. Installation and Thermal Management
Because these are "Power" parts, the following precautions are necessary:
* **Solder Pad Design**: Large copper areas are required to wick heat away from the component.
* **Thermal Paste/Vias**: Often requires thermal vias to move heat to the bottom ground plane of the PCB.
* **Cleanliness**: At microwave frequencies, flux residue can alter the impedance; ultrasonic cleaning is recommended.
- ⤷
What is the exact attenuation value for the R2 suffix in this series?
- ⤷ Are there specific footprint requirements for the W2XR series?
- ⤷ Can this part be used in 5G high-frequency applications?