Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W4Y-R

  • AI
    The **W4Y-R** is a specific variant of the **W4 series** of miniature photoelectric sensors manufactured by **SICK Sensor Intelligence**. These sensors are designed for high-performance object detection in space-restricted industrial environments. Below is a breakdown of the electronic and technical components of the W4Y-R. ### 1. Core Technical Specifications The W4Y-R typically utilizes a "Reflex" (Retro-reflective) or "Proximity" sensing principle depending on the exact sub-model, though "R" often denotes specific housing or wiring configurations in the SICK nomenclature. | Feature | Description | | :--- | :--- | | **Supply Voltage ($V_s$)** | 10 V DC ... 30 V DC (Typical) | | **Output Type** | PNP or NPN (Push-pull available in newer versions) | | **Switching Mode** | Light/Dark switching (selectable via control wire) | | **Light Source** | PinPoint LED (visible red light) | | **Response Time** | < 0.5 ms (High-speed detection) | | **IP Rating** | IP66 / IP67 (Protection against dust and water) | --- ### 2. Electronic Components & Features #### A. PinPoint LED Technology Unlike standard LEDs, the W4Y-R uses **PinPoint LED technology**. * **Electronic Function:** It emits a small, precise, and intense light spot that behaves similarly to a laser. * **Benefit:** This allows for high-precision detection of small objects or sensing through narrow gaps without the safety concerns of a Class 2 laser. #### B. Integrated ASIC (Application-Specific Integrated Circuit) The "brain" of the sensor is a SICK-proprietary ASIC located inside the housing. * **Signal Processing:** It digitizes the analog light signal received by the photodiode. * **Background Suppression:** The electronics are designed to ignore shiny or reflective backgrounds, focusing only on the target object within the set range. * **Optical Interference:** The circuit filters out ambient light (like overhead factory LEDs) to prevent false triggering. #### C. Output Electronics The sensor usually features a **Complementary Output**. * **PNP/NPN:** Most models allow for both "Light-ON" and "Dark-ON" states. * **Short-circuit Protection:** The output stage is electronically protected against wiring errors. * **Reverse Polarity Protection:** Prevents the sensor from burning out if the positive and negative power wires are swapped. --- ### 3. Connection Diagram (Standard M8/4-pin) Electronic integration is typically handled via a 4-wire configuration: | Pin | Wire Color | Function | | :--- | :--- | :--- | | **1** | Brown | + (L+) 10-30V DC | | **2** | White | Complementary Output (or Teach-in) | | **3** | Blue | - (M) 0V | | **4** | Black | Switching Output (Q) | --- ### 4. Mechanical Design & Durability While the internal electronics are delicate, the exterior is built for industrial abuse: * **Housing:** Plastic (VISTAL®), which provides high mechanical strength. * **Potentiometer:** Many W4Y models include a physical potentiometer or a "Teach-in" button to electronically adjust the sensing distance.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the W4Y-R series?
    • ⤷ How do I wire a PNP sensor to a PLC input?
    • ⤷ What are the advantages of VISTAL housing over standard ABS plastic?