W5FV-0-R2/Q
AI

The **W5FV-0-R2/Q** is a specific variant of a high-performance **Micro-miniature Coaxial Connector** series, primarily manufactured by **Hirose Electric (HRS)**. These components are designed for high-frequency signal transmission in space-constrained electronic devices.
---
## 1. Technical Specifications
The part belongs to the **W.FL** or **W.FL2** family, which are among the smallest coaxial connectors in the industry.
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type** | Micro-Coaxial (Receptacle) |
| **Frequency Range** | DC to 6 GHz |
| **Impedance** | 50 Ohms |
| **Mated Height** | Approximately 1.18mm to 1.4mm (depending on plug) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **V.S.W.R.** | 1.3 Max (0 to 3 GHz), 1.4 Max (3 to 6 GHz) |
| **Plating** | Gold-plated contacts for high conductivity |
---
## 2. Key Components & Construction
The W5FV-0-R2/Q consists of three primary electronic sub-parts:
1. **Center Contact:** A precision-machined gold-plated lead that carries the high-frequency signal.
2. **Insulator:** Usually made of a high-performance liquid crystal polymer (LCP) to maintain dielectric constants at high frequencies.
3. **Outer Shell (Ground):** A metal casing that provides shielding against Electromagnetic Interference (EMI) and serves as the ground return path.
---
## 3. Application Areas
Due to its ultra-small footprint, this part is found in devices where PCB real estate is at a premium:
* **Mobile Terminals:** Smartphones and tablets for internal antenna connections.
* **Wireless Modules:** Wi-Fi 6, Bluetooth, and GPS modules.
* **IoT Devices:** Wearables (smartwatches) and compact sensor nodes.
* **Measurement Equipment:** High-speed data probing points.
---
## 4. Usage Considerations
When designing with the W5FV-0-R2/Q, engineers must follow specific protocols:
### Solder Land Pattern
```text
Recommended Pad Layout:
- Center Pad: 0.4mm x 0.35mm
- Ground Pads: Two side pads approximately 0.6mm x 0.5mm
- Separation: Critical to maintain 50-ohm impedance match.
```
### Durability
* **Mating Cycles:** These connectors are designed for limited cycles (typically 20-30 matings). They are intended for internal assembly rather than frequent consumer plugging/unplugging.
* **Extraction:** A specific extraction tool is recommended to avoid damaging the delicate center pin during maintenance.
- ⤷
What are the differences between W.FL and U.FL connector standards?
- ⤷ What is the recommended solder paste thickness for this specific SMT footprint?
- ⤷ Can this connector support 5G Sub-6GHz frequencies effectively?