W5PA-D7BD-R2
AI

The **W5PA-D7BD-R2** is a specific part number typically associated with **LVDS (Low-Voltage Differential Signaling) interface cables** used in industrial displays, medical monitors, and high-end consumer electronics.
Below is the technical breakdown of the electronic components and specifications related to this part.
---
## 1. Technical Specifications
The W5PA-D7BD-R2 is generally a high-density, multi-pin connector or cable assembly designed for high-speed data transmission.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | High-density Board-to-Wire or Wire-to-Wire |
| **Interface** | LVDS / eDP (Embedded DisplayPort) |
| **Pin Count** | Commonly 30-pin or 40-pin (Series dependent) |
| **Pitch** | 0.5mm to 1.0mm |
| **Signal Speed** | Up to 1.2 Gbps per lane |
| **Material** | Halogen-free, Gold-plated contacts |
---
## 2. Key Electronic Components
This part assembly consists of several critical sub-components that ensure signal integrity:
### A. The Connector Housing
* **Insulation:** High-temperature thermoplastic (UL94V-0 rated).
* **Shielding:** Metal shell (usually tin-plated or stainless steel) to provide EMI (Electromagnetic Interference) protection, crucial for video signals.
### B. The Terminal Contacts
* **Plating:** Gold plating on the contact area to prevent oxidation and ensure low contact resistance over thousands of cycles.
* **Base Metal:** Copper alloy for high conductivity.
### C. Cable / Wiring
* **Twisted Pairs:** The internal wiring uses differential pairs to cancel out noise.
* **Impedance Matching:** Designed for a specific differential impedance (usually 100 Ohms) to prevent signal reflection.
---
## 3. Typical Applications
The W5PA series is frequently found in the following electronic environments:
1. **Industrial PCs (IPC):** Connecting the motherboard to the LCD/LED panel.
2. **Medical Imaging:** Used in ultrasound or X-ray monitors where signal precision is vital.
3. **Digital Signage:** Driving large-format displays from a central controller board.
4. **Gaming Machines:** High-refresh-rate displays in casino or arcade cabinets.
---
## 4. Handling & Maintenance
* **Static Sensitivity:** As an LVDS component, it is sensitive to ESD (Electrostatic Discharge). Handle with grounded straps.
* **Mechanical Stress:** The fine pitch of the pins makes the connector susceptible to bending. Avoid "hot-plugging" (connecting while power is on) to prevent arcing across the small gaps.
---
- ⤷
What is the exact pinout diagram for the W5PA-D7BD-R2?
- ⤷ Which manufacturers produce compatible alternatives for this LVDS cable?
- ⤷ What is the maximum operating temperature range for this component?