W5TS-1A4-R
AI

## Technical Overview of the W5TS-1A4-R
The **W5TS-1A4-R** is a specific electronic component manufactured by **Omron**. It belongs to the category of **Low Profile Power Relays**, specifically designed for PCB (Printed Circuit Board) mounting. It is widely used in power management and switching applications due to its high capacity and compact footprint.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the W5TS-1A4-R:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | SPST-NO (1 Form A) |
| **Rated Load** | 35A at 250 VAC / 30 VDC |
| **Maximum Switching Voltage** | 250 VAC |
| **Maximum Switching Current** | 35 A |
| **Coil Voltage (Nominal)** | Typically 12VDC or 24VDC (varies by sub-model) |
| **Contact Resistance** | 100 mΩ max. |
| **Dielectric Strength** | 5,000 VAC (between coil and contacts) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Major Electronic Components & Design
The W5TS-1A4-R consists of several internal electronic and mechanical parts that allow it to function as an electrically operated switch:
* **Electromagnetic Coil:** The control part of the relay. When current flows through the coil, it creates a magnetic field that pulls the armature to close the contacts.
* **Stationary & Movable Contacts:** These are usually made of **Silver Alloy (Ag-alloy)** to handle high currents (up to 35A) while resisting oxidation and arcing.
* **Return Spring:** Ensures that the contacts return to their original "Normally Open" (NO) state once the coil is de-energized.
* **Insulation System:** Designed with high dielectric strength to ensure that high voltage on the load side does not leak into the low-voltage control side (coil).
---
### 3. Pin Configuration and Mounting
This relay is designed for **Through-Hole Mounting** on a PCB. The pinout typically includes:
1. **Coil Pins (2):** Connect to the control circuit (e.g., a microcontroller output via a transistor).
2. **Load/Contact Pins (2):** Connect to the high-power device you wish to switch.
---
### 4. Typical Applications
Because it can handle high currents (35A), it is found in:
* **Inverters:** For solar power systems or UPS units.
* **EV Charging Stations:** Switching the AC power to the vehicle.
* **HVAC Systems:** Controlling heavy motors or heaters.
* **Smart Home Appliances:** Power control for ovens or washing machines.
- ⤷
What is the power consumption of the coil for the W5TS-1A4-R?
- ⤷ Does this relay require a flyback diode in the control circuit?
- ⤷ What are the physical dimensions and PCB footprint for this part?