Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W5TS-31Y-R

  • AI
    The **W5TS-31Y-R** is a specific electronic component, typically identified as a **high-current terminal block or connector unit**, often associated with Omron's industrial automation and power supply accessory lines. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The W5TS-31Y-R is designed as a robust interface for power distribution. Its primary role is to provide a secure, low-resistance connection point for high-wattage power supplies (such as the Omron S8VK or S8JX series) to distribution lines. ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Terminal Block / Connector Unit | | **Max Current Rating** | Typically 30A - 40A (depending on configuration) | | **Voltage Rating** | Up to 600V AC/DC | | **Connection Type** | Screw Terminal (M4 or M5) | | **Mounting Style** | DIN Rail or Surface Mount | | **Safety Standard** | UL/CSA Recognized, CE Compliant | --- ## 2. Construction and Materials To handle high current without overheating, the internal parts are engineered with specific materials: * **Conductive Plates:** Usually made of a **Copper Alloy** with tin or nickel plating to prevent oxidation and ensure high conductivity. * **Insulation Housing:** Constructed from **Polyamide (Nylon 66)** or a similar thermoplastic with a high UL94V-0 flame retardancy rating. * **Terminals:** Feature a "Y-shape" or "Ring" terminal compatibility, ensuring that wire lugs remain clamped even under vibration. --- ## 3. Electrical Functionality The "31Y-R" suffix often denotes the specific wiring configuration and orientation: * **Busbar Integration:** It acts as a bridge, allowing multiple wires to tap into a single high-current source. * **Voltage Drop Protection:** The internal architecture is designed to minimize contact resistance ($R_{contact}$), which prevents voltage drops across the terminal in sensitive DC circuits. * **Thermal Dissipation:** The physical size and spacing are optimized to dissipate heat generated by Joule heating ($I^2R$) during continuous high-load operation. --- ## 4. Application Use Cases This part is commonly used in industrial control panels for: 1. **DC Power Distribution:** Distributing 24V DC from a large power supply to multiple PLC racks or sensors. 2. **Motor Control:** Providing a junction point for 3-phase power lines. 3. **Grounding/Earthing:** Serving as a common ground bus in an electrical cabinet. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended wire gauges (AWG) for the W5TS-31Y-R?
    • ⤷ Does this component require specific torque settings for the screw terminals?
    • ⤷ Is there a specific Omron power supply series designed to pair with this terminal?