Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W83310G-R2

  • AI
    ### Overview of the W83310G-R2 The **W83310G-R2** is a specialized linear regulator manufactured by Nuvoton Technology Corp (formerly Winbond). It is primarily designed as a **DDR Bus Termination Regulator**, specifically engineered to meet the power requirements of DDR1, DDR2, and DDR3 SDRAM systems. --- ### Technical Specifications The following table outlines the core electrical characteristics of the W83310G-R2: | Parameter | Specification | | :--- | :--- | | **Output Voltage (VTT)** | Tracks 1/2 of VDDQ | | **Current Capability** | Continuous ±1.5A (Source/Sink) | | **Peak Current** | Up to ±3.0A | | **Input Voltage (VCC)** | 3.3V or 5V | | **Reference Voltage** | External (VREF) | | **Package Type** | SOP-8 (Green/Lead-free) | | **Operating Temp** | 0°C to 70°C | --- ### Key Internal Components & Functions 1. **Sourcing/Sinking Logic**: Unlike standard regulators that only provide current, the W83310G-R2 can both push current into the bus (source) and pull current from the bus (sink). This is essential for maintaining the midpoint voltage of high-speed data lines. 2. **Reference Voltage Divider**: It includes an internal divider that tracks the input $V_{DDQ}$ to maintain $V_{TT} = 0.5 \times V_{DDQ}$ with high precision. 3. **Protection Circuitry**: * **Thermal Shutdown**: Protects the chip from overheating during high-current sinking/sourcing. * **Current Limit**: Prevents damage to the IC or the PCB traces during a short circuit. 4. **Low Dropout (LDO) Stage**: Utilizes an internal power MOSFET to ensure stable regulation with minimal voltage drop. --- ### Pin Configuration (SOP-8) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **VREF** | External Reference Input / Divider output | | 2 | **VCC** | Supply Voltage (3.3V or 5V) | | 3 | **GND** | Ground | | 4 | **VTT** | Regulated Output Voltage (to RAM bus) | | 5 | **NC** | No Connection | | 6 | **SD** | Shutdown Pin (Active High/Low depending on logic) | | 7 | **VDDQ** | Reference Input Voltage (Target RAM voltage) | | 8 | **NC** | No Connection | --- ### Application Usage The W83310G-R2 is commonly found in: * **Desktop Motherboards**: Providing the $V_{TT}$ termination voltage for memory slots. * **Graphic Cards**: Powering high-speed VRAM buffers. * **Embedded Systems**: Used in industrial PCs requiring reliable DDR memory performance. ---
    ✨ Follow-up Questions
    • ⤷ How does the W83310G-R2 compare to the W83310S variant?
    • ⤷ What are the recommended capacitor values for the VTT and VDDQ pins?
    • ⤷ Can this IC be used for DDR4 memory termination?