Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W83310S-R

  • AI
    ### Overview of the W83310S-R The **W83310S-R** is a low-dropout (LDO) linear regulator specifically designed to meet the termination requirements of **DDR1, DDR2, and DDR3** SDRAM systems. It is engineered to provide a stable voltage supply ($V_{TT}$) by sourcing and sinking current to maintain the midpoint of the memory voltage. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage ($V_{CC}$)** | 3.3V / 5V | | **Reference Voltage ($V_{REF}$)** | $1/2 \times V_{DDQ}$ | | **Current Capability** | Up to 2.0A (Peak) | | **Package Type** | SOP-8 (Exposed Pad) | | **Load Regulation** | 0.5% (Typical) | --- ### Functional Components & Pinout The W83310S-R typically utilizes an 8-pin configuration. Below are the primary electronic components integrated into its architecture: 1. **Input/Supply Pins ($V_{CC}$):** Powers the internal control circuitry. 2. **Reference Input ($V_{IN}$):** Accepts the $V_{DDQ}$ voltage to determine the output target. 3. **VREF Output:** A buffered reference output for the memory controller. 4. **VOUT ($V_{TT}$):** The power output that connects to the termination resistors of the data bus. 5. **Shutdown (EN/SD):** Logic pin to disable the chip for power-saving modes (S3/S5 sleep states). --- ### Technical Features * **Sinking and Sourcing:** Unlike standard LDOs that only push current out, this part can pull current back to ground (sink) to keep the bus voltage precisely at the midpoint. * **Built-in Protection:** * **Current Limiting:** Protects the device during short circuits. * **Thermal Shutdown:** Shuts the device off if the internal junction temperature exceeds safe limits (typically around 150°C). * **Low Quiescent Current:** Minimizes power consumption when the system is in a standby state. --- ### Typical Application Circuit ```mermaid graph LR VDDQ[VDDQ Supply] -->|Reference| W83310S VCC[Power Supply] -->|Power| W83310S W83310S -->|VTT| TermRes[Termination Resistors] W83310S -->|VREF| Memory[DDR SDRAM] ``` To ensure stability, the W83310S-R requires specific **Output Capacitors** (often 10µF or higher) with low ESR to handle the high-speed switching noise generated by the memory bus. ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between W83310S-R and W83310G?
    • ⤷ How do you calculate the power dissipation for this LDO in a DDR3 application?
    • ⤷ Which specific capacitor types are recommended for the VTT output?