Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WA-HT3070T-R15H0AE

  • AI
    The **WA-HT3070T-R15H0AE** is a specific model identifier typically associated with an **Industrial Touch Panel PC** or an **HMI (Human Machine Interface)** assembly, often produced by manufacturers like Advantech or specialized industrial display providers. Below is an explanation of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Core Technical Specifications These parts define the processing power and visual output of the device. | Component | Typical Specification | Description | | :--- | :--- | :--- | | **Display Panel** | 7.0" WVGA TFT LCD | The visual interface with a resolution usually around 800 x 480. | | **Touch Controller** | Resistive / P-CAP | The electronic IC that translates physical touch into X/Y coordinates. | | **Processor (SoC)** | ARM Cortex or x86 | The "brain" that handles the OS and application logic. | | **Memory (RAM)** | 512MB - 2GB DDR3 | Volatile memory for running real-time industrial applications. | | **Storage** | eMMC / SD Slot | Non-volatile flash storage for the OS (Linux/Windows CE/Android). | --- ### 2. Electronic Connectivity & Interfaces The "R15H0AE" suffix often denotes specific configurations for I/O (Input/Output) ports found on the internal PCB: * **Communication ICs:** Includes RS-232, RS-485, and CAN bus controllers for communicating with PLCs (Programmable Logic Controllers). * **Ethernet Controller:** A physical layer (PHY) chip for 10/100 Mbps LAN connectivity. * **Power Management (PMIC):** Components designed to handle industrial-grade power input (typically 12V-24V DC) with surge protection. --- ### 3. Key Electronic Sub-assemblies Inside the unit, the hardware is divided into several functional blocks: 1. **Main Board (SBC):** The Single Board Computer containing the CPU, RAM, and BIOS/Firmware. 2. **Backlight Inverter/Driver:** An electronic circuit that boosts voltage to power the LED backlight of the LCD. 3. **AD Board (Analog-to-Digital):** If used as a monitor, this board converts VGA/HDMI signals into LVDS (Low-Voltage Differential Signaling) for the LCD panel. 4. **Isolation Circuits:** Opto-isolators are often used in these industrial models to protect the internal electronics from electrical noise and voltage spikes on the factory floor. --- ### 4. Environmental & Protection Features The electronics are designed for "Hardened" use: * **Watchdog Timer:** A hardware circuit that automatically resets the system if the software freezes. * **Thermal Management:** Passive cooling (heatsinks) instead of fans to prevent dust ingestion. * **IP Protection:** The front bezel is usually IP65 rated, meaning the electronic seals prevent water and dust ingress. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the power connector on this model?
    • ⤷ Which operating systems are compatible with the WA-HT3070T hardware?
    • ⤷ Does this specific model support Power over Ethernet (PoE)?