WAC-A1AB-R
AI

The **WAC-A1AB-R** is a specific electronic component, typically identified as a **Micro-Switch** or **Snap Action Switch**, often utilized in industrial controls, automotive mechanisms, and high-precision limit sensing applications.
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Technical Specifications
The WAC-A1AB-R is designed for high reliability and rapid switching. Its internal "snap action" mechanism ensures that the physical movement of the actuator results in an instantaneous transition of the electrical contacts.
| Feature | Description |
| :--- | :--- |
| **Switch Type** | Micro-Switch / Snap Action |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Contact Material** | Silver Alloy (typically) for high conductivity |
| **Termination Style** | Solder Terminals / Quick Connect |
| **Actuator Type** | Pin Plunger or Lever (depending on sub-configuration) |
| **Operating Force** | Precision calibrated (ranges from 50g to 200g) |
---
## 2. Key Electronic Parts & Construction
The internal architecture of the WAC-A1AB-R consists of several critical layers:
### A. Contact Mechanism
* **Stationary Contacts:** Fixed points representing the "Normally Open" (NO) and "Normally Closed" (NC) positions.
* **Movable Contact:** A spring-loaded arm that "snaps" between the stationary contacts once the operating point is reached.
### B. The Spring System
* Uses a **Beryllium Copper** or high-grade steel leaf spring. This stores mechanical energy until the trip point is reached, ensuring the contacts move at a constant speed regardless of how slowly the external actuator is pressed.
### C. Housing (Casing)
* **Material:** Usually molded from **PBT (Polybutylene Terephthalate)** or Phenolic resin. These materials provide high dielectric strength (insulation) and thermal resistance.
---
## 3. Electrical Ratings
While specific ratings can vary slightly by manufacturer batch, the standard parameters for this series are:
* **Voltage Rating:** Up to 250V AC.
* **Current Rating:** Typically 5A to 10A (Resistive load).
* **Insulation Resistance:** 100 MΩ min. (at 500V DC).
* **Dielectric Strength:** 1,000V AC for 1 minute between non-consecutive terminals.
---
## 4. Application Logic
Because the WAC-A1AB-R is an **SPDT** switch, it can be wired in two primary ways:
1. **Normally Closed (NC):** The circuit is complete until the switch is pressed (e.g., a fridge door light).
2. **Normally Open (NO):** The circuit is incomplete until the switch is pressed (e.g., a doorbell or computer mouse button).
- ⤷
What is the mechanical lifespan (number of cycles) for the WAC-A1AB-R?
- ⤷ Can this switch be used in DC applications
- ⤷ and what are the voltage limits?
- ⤷ What are the physical mounting dimensions for this specific model?