Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WAC-A5AC-R/Q

  • AI
    The **WAC-A5AC-R/Q** is a high-performance **Wi-Fi 5 (802.11ac) Wireless Access Control module**, typically used in enterprise networking equipment, industrial IoT gateways, or wireless controllers. It is designed to handle dual-band wireless traffic with high throughput and stability. --- ### 1. Key Electronic Components & Specifications The internal architecture of this module revolves around high-frequency RF components and digital processing units. | Component Type | Description | Technical Specifications | | :--- | :--- | :--- | | **Main Chipset** | Integrated SoC (System on Chip) | Usually based on Qualcomm or MediaTek architectures for 802.11ac. | | **Radio Frequency (RF)** | Dual-Band Support | 2.4 GHz (Legacy/Long Range) and 5 GHz (High Speed). | | **RAM / Buffer** | Volatile Memory | High-speed DDR3 or DDR4 for packet buffering and OS operations. | | **Flash Memory** | Non-volatile Storage | Stores firmware, configurations, and security protocols. | | **Interface** | Physical Connectivity | Typically PCIe (Peripheral Component Interconnect Express) or USB 3.0. | | **Antenna Ports** | RF Connectors | IPEX/U.FL or SMA connectors for MIMO (Multiple Input Multiple Output). | --- ### 2. Functional Electronic Blocks #### A. RF Front-End (RFFE) This section includes **Power Amplifiers (PA)** and **Low Noise Amplifiers (LNA)**. * The **PA** boosts the signal for transmission to ensure wide coverage. * The **LNA** amplifies weak incoming signals from client devices while minimizing background noise. #### B. MIMO Technology The "AC" designation indicates support for **MIMO (Multiple-Input Multiple-Output)**. The electronics use multiple spatial streams (e.g., 2x2 or 3x3) to send and receive data simultaneously, significantly increasing the data rate without needing more bandwidth. #### C. Power Management IC (PMIC) Wireless modules are sensitive to voltage fluctuations. The PMIC regulates the input voltage (usually 3.3V or 5V) to the precise levels required by the digital processor and the RF power stages to prevent signal jitter. --- ### 3. Usage & Implementation ```python # Conceptual configuration for a WAC-series module in a Linux environment # Typically handled via Hostapd or proprietary drivers interface=wlan0 driver=nl80211 hw_mode=a # 5GHz band ieee80211ac=1 # Enable 802.11ac (Wi-Fi 5) wmm_enabled=1 # Quality of Service (QoS) channel=36 # Operating Frequency ``` --- ### 4. Comparison of R vs. Q Variants In electronic part numbering: * **R (Receiver/Retail):** Often denotes a standard revision or a specific packaging type (e.g., Reel). * **Q (Qualified/Industrial):** Often denotes parts tested for higher temperature ranges or specific industrial certifications.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Current) for the WAC-A5AC module?
    • ⤷ Does this module support MU-MIMO or only standard MIMO?
    • ⤷ Which specific chipset manufacturer is used in the WAC-A5AC-R/Q?