WAC-A5AD-R
AI

The **WAC-A5AD-R** is a specific electronic component, typically categorized as a **DIP Switch** (Dual In-line Package Switch) or a specialized connector component, often manufactured by brands like **Walsin** or specialized industrial electronics suppliers.
Below is a breakdown of the electronic characteristics and technical aspects typically associated with this part number.
---
### 1. General Specifications
The WAC-A5AD-R is designed for PCB (Printed Circuit Board) mounting. Its primary function is to manually open or close an electrical circuit or to configure settings on a hardware device.
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | DIP Switch / Slide Switch |
| **Mounting Type** | Through-hole (THT) |
| **Number of Positions** | Variable (often 5-position based on "A5") |
| **Actuator Type** | Raised or Recessed Slide |
| **Contact Plating** | Gold or Tin-plated |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Electronic Characteristics
To ensure the component operates correctly within a circuit, the following electrical ratings are standard for this series:
* **Switching Capacity:** Usually rated around **25mA at 24V DC**.
* **Non-Switching Rating:** Can handle up to **100mA at 50V DC**.
* **Contact Resistance:** Typically **50mΩ maximum** (initial).
* **Insulation Resistance:** Minimum of **100MΩ at 500V DC**.
* **Dielectric Strength:** Capable of withstanding **500V AC** for one minute.
---
### 3. Physical & Material Composition
The "R" at the end of the part number usually signifies **RoHS Compliance**, meaning the part is free from hazardous substances like lead or mercury.
1. **Housing:** High-temperature UL94V-0 rated thermoplastic (usually black or blue).
2. **Actuators:** Thermoplastic (white).
3. **Base:** Sealed with epoxy (optional) to prevent solder flux from entering the contacts during manufacturing.
4. **Terminals:** Copper alloy with gold plating over nickel to prevent oxidation and ensure long-term conductivity.
---
### 4. Common Applications
This part is commonly found in industrial and consumer electronics where user-defined configuration is required without software:
* **Modems/Routers:** Setting frequency bands or device IDs.
* **Industrial Controllers:** Addressing nodes in a PLC network.
* **Garage Door Openers:** Programming security codes.
* **PC Motherboards:** Legacy hardware configuration (IRQ/Voltage settings).
---
- ⤷
What is the pin spacing (pitch) for the WAC-A5AD-R?
- ⤷ Does this component come in Surface Mount (SMT) versions?
- ⤷ How do I interpret the 'A5' section of the part number?