Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WAC-A6BD-R

  • AI
    The **WAC-A6BD-R** is a specific wireless communication module, typically associated with specialized IoT or RF interface applications (often found in consumer electronics like air conditioning Wi-Fi adapters or smart appliance controllers). Below is a breakdown of its electronic components and technical architecture. --- ### 1. Key Technical Specifications The module acts as a bridge between a local device (via UART/Serial) and a wireless network. | Feature | Specification | | :--- | :--- | | **Connectivity** | IEEE 802.11 b/g/n (Wi-Fi) | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Interface** | UART (Universal Asynchronous Receiver-Transmitter) | | **Operating Voltage** | Typically 3.3V or 5V DC (depending on host carrier) | | **Antenna Type** | Integrated PCB Trace Antenna or IPEX Connector | --- ### 2. Core Electronic Components The "parts" inside this module consist of a highly integrated System-on-Chip (SoC) and supporting circuitry: #### A. The Main SoC (Microcontroller + Radio) The heart of the module is usually a **Realtek or Espressif-based chipset**. This chip handles: * **TCP/IP Stack:** Manages internet protocols so the main appliance doesn't have to. * **MCU Core:** Executes the firmware that translates serial commands into Wi-Fi packets. #### B. RF Front-End * **Band Pass Filter:** Removes noise from other frequencies to ensure clean signal reception. * **Power Amplifier (PA):** Boosts the signal for transmission to the router. * **LNA (Low Noise Amplifier):** Increases the sensitivity for receiving weak signals from far-away routers. #### C. Power Management Unit (PMU) * Includes **LDO (Low Dropout Regulators)** to step down the input voltage to the stable 1.1V or 1.8V required by the internal silicon logic. #### D. Crystal Oscillator * Usually a **26MHz or 40MHz crystal**. This provides the precise clock timing necessary for RF frequency synthesis and stable data baud rates. --- ### 3. Connection Pinout (Typical) Most WAC-series modules utilize a multi-pin header (often 4 to 8 pins) to communicate with the host PCB: 1. **VCC:** Power Input. 2. **GND:** Ground. 3. **TX:** Data transmission from module to host. 4. **RX:** Data reception from host to module. 5. **RESET/WPS:** Hard reset or pairing trigger. --- ### 4. Common Usage This part is frequently used in **HVAC (Heating, Ventilation, and Air Conditioning)** systems. It allows a standard "dumb" appliance to connect to a mobile app via the "A6" protocol standard, enabling remote scheduling and temperature control.
    ✨ Follow-up Questions
    • ⤷ How do I configure the UART baud rate for the WAC-A6BD-R?
    • ⤷ What are the common firmware troubleshooting steps for this module?
    • ⤷ Can this module be used with Arduino or Raspberry Pi?