WAC-AD2A-R/Q
AI

The **WAC-AD2A-R/Q** is a specific model of an **Active Antenna Splitter/Combiner**, typically used in wireless microphone systems (specifically associated with brands like WaGner or various UHF distribution systems). It is designed to manage RF (Radio Frequency) signals for multiple wireless receivers.
---
### 1. Key Electronic Components & Functions
The device is composed of several critical electronic subsystems that ensure signal integrity across wireless channels:
| Component Type | Function |
| :--- | :--- |
| **Wideband RF Amplifier** | Compensates for signal loss incurred during the splitting process. It usually provides a gain of 0dB to +3dB. |
| **Power Divider/Splitter** | An internal network of resistors or transformers that splits one incoming antenna signal into multiple outputs (usually 4 to 8). |
| **Low Noise Block (LNB)** | Ensures that while the signal is amplified, the "noise floor" remains low to prevent interference. |
| **DC Pass-Through** | Provides bias voltage (usually 8V-12V DC) through the BNC inputs to power remote active directional antennas. |
| **Voltage Regulator** | Stabilizes the external power input to ensure consistent performance of the internal RF circuits. |
---
### 2. Technical Specifications
The electronic architecture is designed for the UHF spectrum. Below are the typical technical parameters for the **AD2A** series:
* **Frequency Range:** 470 MHz – 952 MHz (Wideband UHF).
* **Impedance:** 50 Ω (Standard for RF equipment).
* **Input/Output Connectors:** BNC Type.
* **Isolation:** >25 dB (Prevents crosstalk between connected receivers).
* **Power Supply:** Usually 12V-15V DC external adapter.
---
### 3. Circuit Interface Overview
The rear and front panels represent the physical manifestation of the internal circuitry:
1. **Antenna A/B Inputs:** These lead to the primary gain stages.
2. **Cascade Ports:** High-speed bypass circuits that allow you to link a second WAC-AD2A unit without losing signal quality.
3. **Power Distribution Jacks:** Often includes 4-8 DC outputs to power the wireless receivers directly from the splitter, reducing cable clutter.
---
### 4. Typical Application Diagram
The internal logic follows this signal flow:
```text
[Antenna] -> [Bandpass Filter] -> [Pre-Amp] -> [Splitter Matrix] -> [Receiver Outputs]
|
[DC Power Injector]
```
---
- ⤷
What is the maximum number of wireless receivers that can be connected to the WAC-AD2A-R/Q?
- ⤷ Does this unit support power distribution for the connected receivers?
- ⤷ How does the 'Cascade' feature affect the signal-to-noise ratio?