WADS-15AB-R
AI

The **WADS-15AB-R** is a specific model of an AC/DC power adapter, typically utilized for small electronic devices such as network routers, modems, or LED lighting systems. It is characterized by its compact "wall-plug" design.
---
### 1. Technical Specifications
The electrical characteristics define how the unit converts high-voltage AC from a wall outlet into low-voltage DC for sensitive electronics.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 100V - 240V AC (Universal) |
| **Input Frequency** | 50/60 Hz |
| **Output Voltage** | 12V DC (Typical for this series) |
| **Output Current** | 1.25A to 1.5A |
| **Power Rating** | Approximately 15W - 18W |
| **Polarity** | Center Positive (+) |
---
### 2. Core Internal Components
The WADS-15AB-R is a **Switch Mode Power Supply (SMPS)**. Inside the casing, you will find the following electronic parts:
#### A. Input Rectification and Filter
* **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal.
* **Bulk Capacitor:** A high-voltage electrolytic capacitor that smooths the pulsating DC into a steady high-voltage DC bus.
#### B. High-Frequency Switching Section
* **PWM Controller IC:** The "brain" of the unit that regulates voltage by switching the current on and off thousands of times per second.
* **Switching MOSFET:** A power transistor that handles the high-speed switching of the input voltage.
#### C. Isolation and Transformation
* **High-Frequency Transformer:** Unlike heavy traditional transformers, this uses a ferrite core to transfer energy across a safety barrier while stepping down the voltage.
#### D. Output Rectification and Feedback
* **Schottky Diode:** Rectifies the high-frequency AC from the transformer back into DC.
* **Optocoupler:** An essential safety component that sends a light signal back to the controller to maintain a constant output voltage regardless of the load.
---
### 3. Safety and Design Features
* **Over-Voltage Protection (OVP):** Shuts down the circuit if the voltage spikes.
* **Short-Circuit Protection (SCP):** Prevents the device from catching fire if the output wires touch.
* **EMI Filter:** Internal coils (inductors) and capacitors that prevent electromagnetic interference from leaking back into your home's power lines.
- ⤷
What is the difference between a Switching Power Supply and a Linear Power Supply?
- ⤷ How do I verify if the WADS-15AB-R is compatible with my specific device?
- ⤷ What are the common causes of failure in these types of AC adapters?